Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F128K32 Datasheet(PDF) 3 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 3 Page - Micross Components

  AS8F128K32 Datasheet HTML 1Page - Micross Components AS8F128K32 Datasheet HTML 2Page - Micross Components AS8F128K32 Datasheet HTML 3Page - Micross Components AS8F128K32 Datasheet HTML 4Page - Micross Components AS8F128K32 Datasheet HTML 5Page - Micross Components AS8F128K32 Datasheet HTML 6Page - Micross Components AS8F128K32 Datasheet HTML 7Page - Micross Components AS8F128K32 Datasheet HTML 8Page - Micross Components AS8F128K32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
3
DEVICE BUS OPERATIONS
NOTE: All device/algorithm descriptions contained in this
data sheet reference each individual die.
This section describes the requirements and use of the
device bus operations, which are initiated through the inter-
nal command register. The command register itself does not
occupy any addressable memory location. The register is
composed of latches that store the commands, along with the
address and data information needed to execute the command.
The contents of the register serve as inputs to the internal state
machine. The state machine outputs dictate the function of
the device. The appropriate device bus operations table lists
the inputs and control levels required, and the resulting output.
The following subsections describe each of these operations in
further detail.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the CEx\ and OE\ pins to V
IL
. CEx\ is the power control and
selects the device. OE\ is the output control and gates array
data to the output pins. WEx\ should remain at V
IH
.
The internal state machine is set for reading array data
upon device power-up. This ensures that no spurious altera-
tion of the memory content occurs during the power transition.
No command is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid addresses
on the device address inputs produce valid data on the device
data outputs. The device remains enabled for read access until
the command register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifications and
to the Read Operations Timings diagram for the timing wave-
forms. I
CC1
in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing sectors of
memory), the system must drive WEx\ and CEx\ to V
IL
, and
OE\ to V
IH
.
An erase operation can erase one sector, multiple sectors, or
the entire device. The Sector Address Tables indicate the address
space that each sector occupies. A “sector address” consists of
the address bits required to uniquely select a
sector. See the
“Command Definitions” section for details on erasing a sector
or the entire chip.
After the system writes the autoselect command se-
quence,
the device enters the autoselect mode. The system can then read
autoselect codes from the internal register (which is
separate
from the memory array) on I/O31–I/O0. Standard read cycle
timings apply in this mode. Refer to the “Autoselect Mode”
and “Autoselect Command Sequence” sections for more
information. I
CC2
in the DC Characteristics table represents
the active current specification for the write mode. The “AC
Characteristics” section contains timing specification tables
TABLE 1: Device Bus Operations1
OPERATION
CEx\
OE\
WEx\
ADRESSES
(A16:A0)
I/O0 - I/O31
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
Standby
VCC ± 0.5V
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Hardware Reset
X
X
X
X
High-Z
Temporary Sector Unprotect
X
X
X
AIN
DIN
LEGEND:
L = Logic Low = V
IL
, H = Logic High = V
IH
, V
ID
= 12.0 ± 0.5 V, X = Don’t Care, A
IN
= Addresses In, D
IN
= Data In, D
OUT
= Data Out
NOTES:
1. The sector protect and sector unprotect functions must be implemented via programming equipment. See the “Sector Protection/Unprotection” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com