Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F128K32 Datasheet(PDF) 13 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 13 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 9Page - Micross Components AS8F128K32 Datasheet HTML 10Page - Micross Components AS8F128K32 Datasheet HTML 11Page - Micross Components AS8F128K32 Datasheet HTML 12Page - Micross Components AS8F128K32 Datasheet HTML 13Page - Micross Components AS8F128K32 Datasheet HTML 14Page - Micross Components AS8F128K32 Datasheet HTML 15Page - Micross Components AS8F128K32 Datasheet HTML 16Page - Micross Components AS8F128K32 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
13
AC CHARACTERISTICS
JEDEC Standard
Read Cycle Time
1
tAVAV
tRC
Min
60 70 90 120 150
ns
Address to Output Delay
tAVQV
tACC
CEx\ = VIL
OE\ = VIL
Max
60 70 90 120 150
ns
Chip Enable to Output Delay
tELQV
tCE
Max
60 70 90 120 150
ns
Output Enable to Output Delay
tGLQV
tOE
Max
303540
50
55
ns
Chip Enable to Output High Z
1,2
tEHQZ
tDF
Max
202025
30
35
ns
Output Enable to Output High Z
1,2
tGHQZ
tDF
Max
202025
30
35
ns
Read
Min
ns
Toggle and
Data Polling
Min
ns
Output Hold Time From Addresses
CEx\ or OE\, Whichever Comes First
tAXQX
tOH
Min
ns
Write Cycle Time
1
tAVAV
tWC
Min
60 70 90 120 150
ns
Address Setup Time
tAVWL
tAS
Min
ns
Address Hold Time
tWLAX
tAH
Min
454545
50
50
ns
Data Setup Time
tDVWH
tDS
Min
303045
50
50
ns
Data Hold Time
tWHDX
tDH
Min
ns
Read Recover Time Before Write
(OE\ High to WEx\ Low)
tGHWL
tGHWL
Min
ns
CEx\ Setup Time
tELWL
tCS
Min
ns
CEx\ Hold Time
tWHEH
tCH
Min
ns
Write Pulse Width
tWLWH
tWP
Min
303545
50
50
ns
Write Pulse Width High
tWHWL
tWPH
Min
ns
Byte Programming Operation
4
tWHWH1 tWHWH1
TYP
µs
Sector Erase Operation
4
tWHWH2 tWHWH2
TYP
sec
VCC Setup Time
1
tVCS
Min
µs
-150
SYMBOL
TEST SETUP
PARAMETER
-60
UNIT
Output Enable Hold Time
1
Read-Only Operations
tOEH
10
0
-70 -90 -120
0
0
0
0
Erase and Program Operations
1.0
50
0
0
20
14
NOTES:
1. Not 100% tested.
2. Output Driver Disable Time.
3. See Figure 7 and Table 6 for test specifications.
4. See the “Erase and Programming Performance” section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com