Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8F128K32 Datasheet(PDF) 17 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 17 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 13Page - Micross Components AS8F128K32 Datasheet HTML 14Page - Micross Components AS8F128K32 Datasheet HTML 15Page - Micross Components AS8F128K32 Datasheet HTML 16Page - Micross Components AS8F128K32 Datasheet HTML 17Page - Micross Components AS8F128K32 Datasheet HTML 18Page - Micross Components AS8F128K32 Datasheet HTML 19Page - Micross Components AS8F128K32 Datasheet HTML 20Page - Micross Components AS8F128K32 Datasheet HTML 21Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
17
FIGURE 13: Alternate CEx\ Controlled Write Operation Timings
NOTES:
1. PA = Program Address, PD = Program Data, SA = Sector Address, I/O7\ = Complement of Data Input, D
OUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence.
ERASE AND PROGRAMMING PERFORMANCE
TYP
1
MAX
2
UNIT
Chip/Sector Erase Time
1.0
15
sec
Excludes 00h programming prior to erasure
4
Byte Programming Time
14
1000
µs
Chip Programming Time
3
1.8
12.5
sec
LIMITS
COMMENTS
PARAMETER
Excludes system-level overhead5
NOTES:
1. Typical program and erase times assume the following conditions: 25° C, 5.0 V V
CC, 100,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, V
CC = 4.5 V (4.75 V for -45, -55 PDIP), 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the
maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set I/O5 = 1. See the section on I/O5 for
further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 1 for further information on
command definitions.
6. The device has a typical erase and program cycle endurance of 1,000,000 cycles. 100,000 cycles are guaranteed.
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com