Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010 Datasheet(PDF) 5 Page - Micross Components

Part # AS28C010
Description  Hardware Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS28C010 Datasheet(HTML) 5 Page - Micross Components

  AS28C010 Datasheet HTML 1Page - Micross Components AS28C010 Datasheet HTML 2Page - Micross Components AS28C010 Datasheet HTML 3Page - Micross Components AS28C010 Datasheet HTML 4Page - Micross Components AS28C010 Datasheet HTML 5Page - Micross Components AS28C010 Datasheet HTML 6Page - Micross Components AS28C010 Datasheet HTML 7Page - Micross Components AS28C010 Datasheet HTML 8Page - Micross Components AS28C010 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EEPROM
AS28C010
AS28C010
Rev. 1.7 01/12
Micross Components reserves the right to change products or specifications without notice.
5
MODE SELECTION
MODE
CE\
OE\
WE\
I/O
READ
VIL
VIL
VIH
DOUT
STANDBY
VIH
X
X
High-Z
WRITE
VIL
VIH
VIL
DIN
DESELECT
VIL
VIH
VIH
High-Z
XX
VIH
---
X
VIL
X
---
DATA
POLLING
VIL
VIL
VIH
Data Out
(I/O7)
WRITE
INHIBIT
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles Per Byte
Endurance
100,000
Cycles Per Page
Data Retention
100
Years
ENDURANCE AND DATA RETENTION
Symbol
Parameter
Max.
Units
tPUR
(2)
Power-up to Read Operation
100
s
tPUW
(2)
Power-up to Write Operation
5
ms
POWER-UP TIMING
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input and Output Timing Levels
1.5V
A.C. CONDITIONS OF TEST
CAPACITANCE T
A=+25
oC, f= 1MHZ, V
CC=5V
PARAMETER
SYMBOL
MAX
UNITS
Test Conditions
Input Capacitance
CIN
(2)
10
pF
VIN=0V
Input / Output Capactiance
CI/O
(2)
10
pF
VI/O=0V
EQUIVALENT A.C. LOAD CURRENT
SYMBOL TABLE
Notes: (2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com