Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010 Datasheet(PDF) 1 Page - Micross Components

Part # AS28C010
Description  Hardware Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS28C010 Datasheet(HTML) 1 Page - Micross Components

  AS28C010 Datasheet HTML 1Page - Micross Components AS28C010 Datasheet HTML 2Page - Micross Components AS28C010 Datasheet HTML 3Page - Micross Components AS28C010 Datasheet HTML 4Page - Micross Components AS28C010 Datasheet HTML 5Page - Micross Components AS28C010 Datasheet HTML 6Page - Micross Components AS28C010 Datasheet HTML 7Page - Micross Components AS28C010 Datasheet HTML 8Page - Micross Components AS28C010 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EEPROM
AS28C010
AS28C010
Rev. 1.7 01/12
Micross Components reserves the right to change products or specifications without notice.
1
For more products and information
please visit our web site at
www.micross.com
128K x 8 EEPROM
EEPROM Memory
5 Volt, Byte Alterable
AVAILABLE AS MILITARY
SPECIFICATIONS
SMD 5962-38267
MIL-STD-883
FEATURES
Access speed: 120, 150, 200, and 250ns
Data Retention: 100 Years
Low power, active current: 50mA, standby current: 500uA
Single +5V (+10%) power supply
Data Polling and Toggle Bit
Erase/Write Endurance (10,000 byte mode / 100,000 page
mode)
Software Data protection Algorithm
Data Protection Circuitry during power on/off
Hardware Data Protection
Automatic , Self-Timed Byte Write
Automatic Programming:
Automatic Page Write: 10ms (MAX)
OPTIONS
MARKINGS
Timing
120ns access
-12
150ns access
-15
200ns access
-20
250ns access
-25
Packages
Ceramic Flat Pack
F
CerDIP, 600 mil
CW
Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
-Full Military Processing
Q
*NOTE: Package lid is connected to ground (Vss).
GENERAL DESCRIPTION
The AS28C010 is a 1 Megabit CMOS Electrically Erasable Pro-
grammable Read Only Memory (EEPROM) organized as 131, 072
x 8 bits. The AS28C010 is capable of in system electrical Byte and
Page reprogrammability.
The AS28C010 achieves high speed access, low power
consumption, and a high level of reliability by employing advanced
CMOS process and circuitry technology.
This device has a 256-Byte Page Programming function to make
its erase and write operations faster. The AS28C010 features Data
Polling and Toggle Bit to indicate completion of erase and program-
ming operations.
This EEPROM provides several levels of data protection. Hard-
ware data protection is provided , in addition to noise protection on
the WE signal and write inhibit during power on and off. Software
data protection is implemented using JEDEC Optional Standard
algorithm.
The AS28C010 is designed for high reliability in the most
demanding applications. Data retention is specified for 100 years and
erase/write endurance is guaranteed to a minimum of 100,000 cycles
in the Page Mode and 10,000 cycles in the Byte Mode.
PIN ASSIGNMENT
(Top View)
32-Pin CFP (F), 32-Pin CerDIP (CW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
Vss
Vcc
WE\
NC
A14
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3


Similar Part No. - AS28C010

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS28C010CW-12 AUSTIN-AS28C010CW-12 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS28C010CW-12/883C AUSTIN-AS28C010CW-12/883C Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS28C010CW-12/IT AUSTIN-AS28C010CW-12/IT Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
AS28C010CW-12/XT AUSTIN-AS28C010CW-12/XT Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
More results

Similar Description - AS28C010

ManufacturerPart #DatasheetDescription
logo
C&K Components
801805000 CK-COMPONENTS-801805000 Datasheet
1Mb / 24P
Miscellaneous Components, Hardware & Technical Data
logo
ATMEL Corporation
AT24C04AN-10SU-1.8 ATMEL-AT24C04AN-10SU-1.8 Datasheet
194Kb / 21P
Write Protect Pin for Hardware Data Protection
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
Write Protect Pin for Hardware Data Protection
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
Hardware and Software Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
Write Protect Pin for Hardware and Software Data Protection
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
Software data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com