Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010 Datasheet(PDF) 6 Page - Micross Components

Part # AS28C010
Description  Hardware Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS28C010 Datasheet(HTML) 6 Page - Micross Components

Back Button AS28C010 Datasheet HTML 2Page - Micross Components AS28C010 Datasheet HTML 3Page - Micross Components AS28C010 Datasheet HTML 4Page - Micross Components AS28C010 Datasheet HTML 5Page - Micross Components AS28C010 Datasheet HTML 6Page - Micross Components AS28C010 Datasheet HTML 7Page - Micross Components AS28C010 Datasheet HTML 8Page - Micross Components AS28C010 Datasheet HTML 9Page - Micross Components AS28C010 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EEPROM
AS28C010
AS28C010
Rev. 1.7 01/12
Micross Components reserves the right to change products or specifications without notice.
6
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION
(-55oC < T
C < 125
oC; Vcc = 5V +10%)
Test Conditions
Input Pulse Levels:
0.0V to 3.0V
Input rise and fall times:
< 20ns
Output Load:
1 TTL Gate +100pF (including scope and jig)
Reference levels for measuring timing:
1.5V, 1.5V
MIN MAX MIN MAX
MIN
MAX
MIN
MAX
tRC
Read Cycle Time
120
150
200
250
ns
tCE
Chip Enable Access Time
120
150
200
250
ns
tAA
Address Access Time
120
150
200
250
ns
tOE
Output Enable Access Time
50
50
50
50
ns
tLZ
(3)
CE\ LOW to Active Output
0
0
0
0
ns
tOLZ
(3)
OE\ LOW to Active Output
00
0
0
ns
tHZ
(3)
CE\ HIGH to High Z Output
50
50
50
50
ns
tOHZ
(3)
OE\ HIGH to High Z Output
50
50
50
50
ns
tOH
Output Hold from Address Change
0
0
0
0
ns
Symbol
UNITS
Parameter
-20
-15
-25
-12
AC ELECTRICAL CHARACTERISTICS FOR WRITE OPERATIONS
SYMBOL
PARAMETER
MIN
MAX
UNITS
tWC
Write Cycle Time
10
ms
tAS
Address Setup Time
0ns
tAH
Address Hold Time
50
ns
tcs
Write Setup Time
0ns
tCH
Write Hold Time
0ns
tCW
CE\ Pulse Width
100
ns
tOES
OE\ HIGH Setup Time
10
ns
tOEH
OE\ HIGH Hold Time
10
ns
tWP
WE\ Pulse Width
100
ns
tWPH
WE\ HIGH Recovery
100
ns
tDV
Data Valid
1
s
tDS
Data Setup
50
ns
tDH
Data Hold
0ns
tDW
Delay to Next Write
10
s
tBLC
Byte Load Cycle
0.20
100
s
Notes: 3) t
LZ min., tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured,
with C
L=5pF, from the point when CE\ or OE\ return HIGH (whichever occurs first) to the time when the
outputs are no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com