Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010 Datasheet(PDF) 12 Page - Micross Components

Part # AS28C010
Description  Hardware Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS28C010 Datasheet(HTML) 12 Page - Micross Components

Back Button AS28C010 Datasheet HTML 7Page - Micross Components AS28C010 Datasheet HTML 8Page - Micross Components AS28C010 Datasheet HTML 9Page - Micross Components AS28C010 Datasheet HTML 10Page - Micross Components AS28C010 Datasheet HTML 11Page - Micross Components AS28C010 Datasheet HTML 12Page - Micross Components AS28C010 Datasheet HTML 13Page - Micross Components AS28C010 Datasheet HTML 14Page - Micross Components AS28C010 Datasheet HTML 15Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
EEPROM
AS28C010
AS28C010
Rev. 1.7 01/12
Micross Components reserves the right to change products or specifications without notice.
12
MECHANICAL DEFINITIONS*
*All measurements are in inches.
Symbol Min
Max Note Symbol Min
Max Note
A
---
.225
eA/2
b
.014 .026
2
L
.125 .200
8
b1
.014 .023
3
Q
.015 .070
9
b2
.045 .065
4
Q1
b3
.023 .045
5
S1
.005
---
10
c
.008 .018
2
S2
.005
---
11
c1
.008 .015
3
a
90
O
105
O
D
---
1.680
6
aaa
---
.015
E
.510 .620
6
bbb
---
.030
E2
ccc
---
.010
E3
M
---
.0015
2
eN
12
eA
Note
.100 BSC
.600 BSC
.300 BSC
32
1,14
NOTES:
1.
Index area: A notch or a pin one identification mark shall be located
adjacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one
identification mark.
2.
The maximum limits of lead dimensions b and c or M shall be
measured
at the centroid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
3.
Dimensions b1 and c1 apply to lead base metal only. Dimension M applies
to lead plating and finish thickness.
4.
The b2 minimum dimension of .045 inch (1.14 mm) was implemented 30
September 1992. Until that date, a minimum dimension of .038 (0.97 mm)
was acceptable. See 5.2.4
5.
Corner leads (1, N, N/2, and N/2+1) may be configured as shown in detail
A. For this configuration dimension b3 replaces dimension b2.
6.
This dimension allows for off-center lid, meniscus, and glass overrun.
8.
Pointed or rounded lead tips as shown in details B and C are preferred to
ease insertion, but are not mandatory.
9.
Dimension Q shall be measured from the seating plane to the base plane.
10.
Measure dimension S1 at all four corners, see 5.2.5.
11.
Measure dimension S2 from the top of the ceramic body to the nearest
metallization or lead
12.
N is the maximum number of terminal positions.
14.
See tables VI and VII for descriptive type designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com