Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet(PDF) 11 Page - Micross Components

Part # AS29F040
Description  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Datasheet(HTML) 11 Page - Micross Components

Back Button AS29F040 Datasheet HTML 7Page - Micross Components AS29F040 Datasheet HTML 8Page - Micross Components AS29F040 Datasheet HTML 9Page - Micross Components AS29F040 Datasheet HTML 10Page - Micross Components AS29F040 Datasheet HTML 11Page - Micross Components AS29F040 Datasheet HTML 12Page - Micross Components AS29F040 Datasheet HTML 13Page - Micross Components AS29F040 Datasheet HTML 14Page - Micross Components AS29F040 Datasheet HTML 15Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
11
AS29F040
Rev. 2.3 01/10
toggle. (The system may use either OE\ or CE\ to control
the read cycles.) When the operation is complete, DQ6 stops
toggling.
After an erase command sequence is written, if all sec-
tors selected for erasing are protected, DQ6 toggles for
approximately 100μs, then returns to reading array data. If
not all selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected.
The system can use DQ6 and DQ2 together to determine
whether a sector is actively erasing or is erase-suspended.
When the device is actively erasing (that is, the Embedded
Erase algorithm is in progress), DQ6 toggles. When the device
enters the Erase Suspend mode, DQ6 stops toggling. However
the system must also use DQ2 to determine which sectors are
erasing or erase-suspended. Alternatively, the system can use
DQ7 (see the subsection on “DQ7: Data\ Polling”).
If a program address falls within a protected sector, DQ6
toggles for approximately 2μs after the program command
sequence is written, then returns to reading array data.
DQ6 also toggles during the erase-suspend-program mode,
and stops toggling once the Embedded Program algorithm is
complete.
The Write Operation Status table shows the outputs for
Toggle Bit I on DQ6. Refer to Figure 4 for the toggle bit
algorithm, and to the Toggle Bit Timings figure in the “AC
Characteristics” section for the timing diagram. The DQ2
vs. DQ6 figure shows the differences between DQ2 and DQ6
in graphical form. See also the subsection on “DQ2: Toggle
Bit II”.
DQ2: Toggle Bit II
The “Toggle Bit II” on DQ2, when used with DQ6, in-
dicates whether a particular sector is actively erasing (that is,
the Embedded Erase algorithm is in progress), or whether that
sector is erase-suspended. Toggle Bit II is valid after the rising
edge of the final WE\ pulse in the command sequence.
DQ2 toggles when the system reads at addresses within
those sectors taht have been selected for erasure. (The system
may use either OE\ or CE\ to control the read cycles.) But DQ2
cannot distinguish whether the sector is actively erasing or is
erase-suspended. DQ6, by comparison, indicates whether the
device is actively erasing, or is in Erase Suspend, but cannot
distinguish which sectors are selected for erasure. Thus, both
status bits are required for sector and mode information. Refer
to Table 5 to compare outputs for DQ2 and DQ6.
Figure 4 shows the toggle bit algorithm in flowchart form,
and the section “DQ2: Toggle Bit II” explains the algorithm.
See also the “DQ6: Toggle Bit I” subsection. Refer to the
Toggle Bit Timings figure for the toggle bit timing diagram.
The DQ2 vs. DQ6 figure shows the differences between DQ2
and DQ6 in graphical form.
Reading Toggle Bit DQ6/DQ2
Refer to Figure 4 for the following discussion. Whenever
the system initially begins reading toggle bit status, it must
read DQ7-DQ0 at least twice in a row to determine whether a
toggle bit is toggling. Typically, a system would note and store
the value of the toggle bit after the first read. After the second
read, the system would compare the new value of the toggle
bit with the first. If the toggle bit is not toggling, the device
NOTE:
1) Read toggle bit twice to determine whether or not it is toggling. See text.
2) Recheck toggle bit because it may stop toggling as DQ5 changes to “1”.
See text.
FIGURE 4: TOGGLE BIT ALGORITHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com