Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet(PDF) 13 Page - Micross Components

Part # AS29F040
Description  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Datasheet(HTML) 13 Page - Micross Components

Back Button AS29F040 Datasheet HTML 9Page - Micross Components AS29F040 Datasheet HTML 10Page - Micross Components AS29F040 Datasheet HTML 11Page - Micross Components AS29F040 Datasheet HTML 12Page - Micross Components AS29F040 Datasheet HTML 13Page - Micross Components AS29F040 Datasheet HTML 14Page - Micross Components AS29F040 Datasheet HTML 15Page - Micross Components AS29F040 Datasheet HTML 16Page - Micross Components AS29F040 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
13
AS29F040
Rev. 2.3 01/10
*Stresses greater than those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
ABSOLUTE MAXIMUM RATINGS*
Ambient Temperature with Power Applied...-55°C to +125°C
Voltage with Respect to Ground
V
CC
1...................................................-2.0V to +7.0V
A9, OE\2...........................................-2.0V to +12.5V
All other pins1....................................-2.0V to +7.0V
V
CC Supply Voltage (±10%)............................-4.5V to +5.5V
Output Short Circuit Current3.......................................200mA
Storage Temperature......................................-65°C to +125°C
NOTES:
1. Minimum DC voltage on input or I/O pin is -0.5V. During voltage transitions, input
may overshoot V
SS to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC
voltage on input and I/O pins is V
CC + 0.5V. During voltage transitions, input and I/O
pins may overshoot V
CC + 2.0V for periods up to 20ns. See Figure 6.
2. Minimum DC voltage on A9 pin is -0.5V. During voltage transitions, A9 and OE\
pins may overshoot V
SS to -2.0V for periods of up to 20ns. See Figure 5. Maximum
DC input voltage on A9 and OE\ is +12.5V which may overshoot to 13.5V for periods
up to 20ns.
3. No more than one output shorted to ground at a time. Duration of the short circuit
should not be greater than one second.
FIGURE 5: Maximum Negative
Overshoot Waveform
FIGURE 6: Maximum Positive
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com