Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet(PDF) 26 Page - Micross Components

Part # AS29F040
Description  Sector protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F040 Datasheet(HTML) 26 Page - Micross Components

Back Button AS29F040 Datasheet HTML 19Page - Micross Components AS29F040 Datasheet HTML 20Page - Micross Components AS29F040 Datasheet HTML 21Page - Micross Components AS29F040 Datasheet HTML 22Page - Micross Components AS29F040 Datasheet HTML 23Page - Micross Components AS29F040 Datasheet HTML 24Page - Micross Components AS29F040 Datasheet HTML 25Page - Micross Components AS29F040 Datasheet HTML 26Page - Micross Components AS29F040 Datasheet HTML 27Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
FLASH
AS29F040
Micross Components reserves the right to change products or specifications without notice.
26
AS29F040
Rev. 2.3 01/10
*AVAILABLE PROCESSES
Temperature
XT = Military Temperature Range
-55oC to +125oC
IT = Industrial Temperature Range
-40°C to +85°C
883C = 883C Processing
-55°C to +125°C
Q = QML Processing
-55°C to +125°C
ORDERING INFORMATION
EXAMPLE:
AS29F040CW-55/883C
Device Number
Package Type
Speed ns Process
AS29F040
CW
-55
/*
AS29F040
CW
-60
/*
AS29F040
CW
-70
/*
AS29F040
CW
-90
/*
AS29F040
CW
-120
/*
AS29F040
CW
-150
/*
EXAMPLE:
AS29F040F-60/XT
Device Number
Package Type
Speed ns Process
AS29F040
F
-55
/*
AS29F040
F
-60
/*
AS29F040
F
-70
/*
AS29F040
F
-90
/*
AS29F040
F
-120
/*
AS29F040
F
-150
/*
EXAMPLE:
AS29F040DCG-70/Q
Device Number
Package Type
Speed ns Process
AS29F040
DCG
-55
/*
AS29F040
DCG
-60
/*
AS29F040
DCG
-70
/*
AS29F040
DCG
-90
/*
AS29F040
DCG
-120
/*
AS29F040
DCG
-150
/*
EXAMPLE:
AS29F040ECA-90/Q
Device Number
Package Type
Speed ns Process
AS29F040
ECA
-55
/*
AS29F040
ECA
-60
/*
AS29F040
ECA
-70
/*
AS29F040
ECA
-90
/*
AS29F040
ECA
-120
/*
AS29F040
ECA
-150
/*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com