Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01VC Datasheet(PDF) 4 Page - Microchip Technology

Part # PL610-01VC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01VC Datasheet(HTML) 4 Page - Microchip Technology

  PL610-01VC Datasheet HTML 1Page - Microchip Technology PL610-01VC Datasheet HTML 2Page - Microchip Technology PL610-01VC Datasheet HTML 3Page - Microchip Technology PL610-01VC Datasheet HTML 4Page - Microchip Technology PL610-01VC Datasheet HTML 5Page - Microchip Technology PL610-01VC Datasheet HTML 6Page - Microchip Technology PL610-01VC Datasheet HTML 7Page - Microchip Technology PL610-01VC Datasheet HTML 8Page - Microchip Technology PL610-01VC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PL610-01/-02/-03
DS20005616A-page 4
 2016 Microchip Technology Inc.
Output Current, Low Drive
(See Figure 3-2)
IOLD
±4
—
—
mA
VOL = 0.4V, VOH = 2.4V
Output Current, Standard Drive
(See Figure 3-2)
IOSD
±8
—
—
mA
VOL = 0.4V, VOH = 2.4V
Output Current, High Drive
(See Figure 3-2)
IOHD
±16
—
—
mA
VOL = 0.4V, VOH = 2.4V
TABLE 1-2:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TABLE 1-3:
CRYSTAL SPECIFICATIONS (10 MHZ TO 60 MHZ)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Fundamental Crystal Resonator
Frequency
FXIN
10
—
60
MHz
—
Crystal Loading Rating
(The IC can be programmed for any
value in this range.)
CL(XTAL)
8
—
12
pF
—
Maximum Sustainable Drive Level
—
—
—100
µW
—
Operating Drive Level
—
—
25
—
µW
—
Crystal Shunt Capacitance
C0
—
—
3
pF
—
Effective Series Resistance,
Fundamental, (See Figure 3-4)
ESR
—
—
50
Ω
—
TABLE 1-4:
CRYSTAL SPECIFICATIONS (60 MHZ TO 130 MHZ)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Fundamental Crystal Resonator
Frequency
FXIN
60
—
130
MHz
—
Crystal Loading Rating
(The IC can be programmed for any
value in this range.)
CL(XTAL)
5—8
pF
—
Maximum Sustainable Drive Level
—
—
—100
µW
—
Operating Drive Level
—
—
25
—
µW
—
Crystal Shunt Capacitance
C0
—
—
2.5
pF
—
Effective Series Resistance,
Fundamental, (See Figure 3-4)
ESR
—
—
30
Ω
—
TABLE 1-5:
PHASE NOISE SPECIFICATIONS (SEE MTC-3)
Parameters
Freq.
@1 Hz
@10 Hz
@100 Hz
@1 kHz
@10 kHz
@100 kHz
@1 MHz
Units
Phase noise
relative to
carrier (typ.)
40 MHz
–67
–98
–127
–142
–151
–155
–155
dBc/Hz
26 MHz
–65
–96
–124
–145
–150
–155
–155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com