Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01VC Datasheet(PDF) 5 Page - Microchip Technology

Part # PL610-01VC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01VC Datasheet(HTML) 5 Page - Microchip Technology

  PL610-01VC Datasheet HTML 1Page - Microchip Technology PL610-01VC Datasheet HTML 2Page - Microchip Technology PL610-01VC Datasheet HTML 3Page - Microchip Technology PL610-01VC Datasheet HTML 4Page - Microchip Technology PL610-01VC Datasheet HTML 5Page - Microchip Technology PL610-01VC Datasheet HTML 6Page - Microchip Technology PL610-01VC Datasheet HTML 7Page - Microchip Technology PL610-01VC Datasheet HTML 8Page - Microchip Technology PL610-01VC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 5
PL610-01/-02/-03
TABLE 1-6:
KEY PROGRAMMING PARAMETERS (OPTIONAL)
CLK[0:1]
Output Frequency
Crystal Load
Output Drive Strength
Output Dividers
CLK0 = FREF, FREF/2 or
FREF/P
Where P = 6-bit
Optional:
CLK1 = FREF, FREF/2 or
CLK0
Optional ‘Frequency
Tuning’ after encapsulation,
up to:
±50 ppm Tuning Range
Single-bit CL adjustment
for high/low frequency input
Three optional drive
strengths to choose from:
•Low: 4 mA
•Std: 8 mA (default)
• High: 16 mA
Optional 6-bit odd/even
output divider:
• ÷1 (default) to ÷63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com