Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01VC Datasheet(PDF) 7 Page - Microchip Technology

Part # PL610-01VC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01VC Datasheet(HTML) 7 Page - Microchip Technology

Back Button PL610-01VC Datasheet HTML 3Page - Microchip Technology PL610-01VC Datasheet HTML 4Page - Microchip Technology PL610-01VC Datasheet HTML 5Page - Microchip Technology PL610-01VC Datasheet HTML 6Page - Microchip Technology PL610-01VC Datasheet HTML 7Page - Microchip Technology PL610-01VC Datasheet HTML 8Page - Microchip Technology PL610-01VC Datasheet HTML 9Page - Microchip Technology PL610-01VC Datasheet HTML 10Page - Microchip Technology PL610-01VC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 7
PL610-01/-02/-03
2.0
PAD DESCRIPTIONS
The descriptions of the pads are listed in Table 2-2.
Pad Configurations
TABLE 2-1:
DIE SPECIFICATION
Chip Size
Chip Thickness
Pad Size
Chip Base
0.65 mm x 0.60 mm
Optional
90 µm
GND Level
TABLE 2-2:
PAD FUNCTION TABLE
Pad Number
Pad Center
Pad Name
PL610-01
Pad Name
PL610-02
Pad Name
PL610-03
XY
1
–177
231
XIN
XOUT
XIN
2
–215
41
OE, PDB, CLK1
VDD
GND
3
–215
–186
GND
CLK0
CLK0
4
215
–186
CLK0
GND
VDD
5
215
41
VDD
OE, PDB, CLK1
OE, PDB, CLK1
6
177
213
XOUT
XIN
XOUT
PL610-01
PL610-02
(650μmx600μm)
0.60
Note: ^ denotes internal pull up
1
XOUT
VDD
CLK0
XIN
OE^, PDB^,
CLK1
GND
PL610-01
(Wire Bond)
2
3
6
5
4
X
Y
(650μmx600μm)
0.60
Note: ^ denotes internal pull up
1
XOUT
VDD
CLK0
XIN
OE^, PDB^,
CLK1
GND
PL610-02
(Flip Chip)
2
3
6
5
4
X
Y
PL610-03
(650μmx600μm)
Note: ^ denotes internal pull up
1
XIN
GND
CLK0
XOUT
OE^, PDB^,
CLK1
VDD
PL610-03
2
3
6
5
4
X
Y
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com