Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01VC Datasheet(PDF) 10 Page - Microchip Technology

Part # PL610-01VC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01VC Datasheet(HTML) 10 Page - Microchip Technology

Back Button PL610-01VC Datasheet HTML 6Page - Microchip Technology PL610-01VC Datasheet HTML 7Page - Microchip Technology PL610-01VC Datasheet HTML 8Page - Microchip Technology PL610-01VC Datasheet HTML 9Page - Microchip Technology PL610-01VC Datasheet HTML 10Page - Microchip Technology PL610-01VC Datasheet HTML 11Page - Microchip Technology PL610-01VC Datasheet HTML 12Page - Microchip Technology PL610-01VC Datasheet HTML 13Page - Microchip Technology PL610-01VC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PL610-01/-02/-03
DS20005616A-page 10
 2016 Microchip Technology Inc.
4.0
WAVEFORM SWITCHING
CHARACTERISTICS
FIGURE 4-1:
Rise and Fall Times.
FIGURE 4-2:
VOH, VOL.
FIGURE 4-3:
Duty Cycle.
tr
tf
90%VDD
10% VDD
GND
VOH
VOL
VDD
Tw
T
Duty Cycle = 100% × Tw
T
50%
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com