Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933LG-G Datasheet(PDF) 5 Page - Microchip Technology

Part # AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Datasheet(HTML) 5 Page - Microchip Technology

  AT9933LG-G Datasheet HTML 1Page - Microchip Technology AT9933LG-G Datasheet HTML 2Page - Microchip Technology AT9933LG-G Datasheet HTML 3Page - Microchip Technology AT9933LG-G Datasheet HTML 4Page - Microchip Technology AT9933LG-G Datasheet HTML 5Page - Microchip Technology AT9933LG-G Datasheet HTML 6Page - Microchip Technology AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005597A-page 5
AT9933
PWMD Pull-down Resistance
RPWMD
50
100
150
kΩ
VPWMD = 5V
GATE DRIVER
GATE Short Circuit Current
ISOURCE
0.165
—
—
A
VGATE = 0V
GATE Sinking Current
ISINK
0.165
—
—
A
VGATE = VDD
GATE Output Rise Time
TRISE
—
30
50
ns
CGATE = 500 pF
GATE Output Fall Time
TFALL
—
30
50
ns
CGATE = 500 pF
INPUT CURRENT SENSE COMPARATOR
Voltage required to turn on GATE VTURNON1
85
100
115
mV
CS2 = 200 mV, CS1 increasing,
GATE goes LOW to HIGH (Note 1)
Voltage required to turn off GATE
VTURN-
OFF1
–15
0
15
mV
CS2 = 200 mV, CS1 decreasing,
GATE goes HIGH to LOW (Note 1)
Delay to Output (Turn-on)
TD1,ON
—
150
250
ns
CS2 = 200 mV,
CS1 = 50 mV to +200 mV step
Delay to Output (Turn-off)
TD1,OFF
—
150
250
ns
CS2 = 200 mV,
CS1 = 50 mV to –100 mV step
OUTPUT CURRENT SENSE COMPARATOR
Voltage required to turn on GATE VTURNON2
85
100
115
mV
CS1 = 200 mV, CS2 increasing,
GATE goes LOW to HIGH (Note 1)
Voltage required to turn off GATE
VTURN-
OFF2
–15
0
15
mV
CS1 = 200 mV, CS2 decreasing,
GATE goes HIGH to LOW (Note 1)
Delay to Output (Turn-on)
TD2,ON
—
150
250
ns
CS1 = 200 mV,
CS2 = 50 mV to +200 mV step
Delay to Output (Turn-off)
TD2,OFF
—
150
250
ns
CS1 = 200 mV,
CS2 = 50 mV to –100 mV step
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Temperature
TA
–40
—
+125
°C
Junction Temperature
TJ
—
—
+150
°C
Storage Temperature
TS
–65
—
+150
°C
PACKAGE THERMAL RESISTANCE
8-lead SOIC
JA
—
+101
—
°C/W Note 1
Note 1: Mounted on a FR-4 board, 25 mm x 25 mm x 1.57 mm
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Specifications are at TA = 25°C, VIN = Open and VDD = 7.5V unless otherwise noted.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
Specifications apply over the full operating ambient temperature range of –40ºC < TA < +125ºC.
2: Also limited by package power dissipation limit, whichever is lower
3: Depends on the current drawn by the part. See Section 4.0 “Application Information”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com