Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933LG-G Datasheet(PDF) 1 Page - Microchip Technology

Part # AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Datasheet(HTML) 1 Page - Microchip Technology

  AT9933LG-G Datasheet HTML 1Page - Microchip Technology AT9933LG-G Datasheet HTML 2Page - Microchip Technology AT9933LG-G Datasheet HTML 3Page - Microchip Technology AT9933LG-G Datasheet HTML 4Page - Microchip Technology AT9933LG-G Datasheet HTML 5Page - Microchip Technology AT9933LG-G Datasheet HTML 6Page - Microchip Technology AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005597A-page 1
AT9933
Features
• Constant Current LED Driver
• Steps Input Voltage Up or Down
• Low Electromagnetic Interference (EMI)
• Variable Frequency Operation
• Internal 75V Linear Regulator
• Input and Output Current Sensing
• Input Current Limit
• Enable and Pulse-width Modulation (PWM)
Dimming
• Ambient Temperature Rating of up to 125°C
Applications
• LED Lighting Applications
General Description
The AT9933 is a variable frequency PWM controller IC,
designed to control an LED lamp driver using a
low-noise
boost-buck
(Ćuk)
topology.
It
uses
patent-pending Hysteretic Current-mode control to
regulate both the input and the output currents. This
enables superior input surge immunity without the
necessity for complex loop compensation. Input
current control enables current limiting during Startup,
Input Undervoltage and Output Overload conditions.
The AT9933 provides a low-frequency PWM dimming
input that can accept an external control signal with a
duty cycle of 0%–100% and a high dimming ratio.
This AT9933-based LED driver is ideal for LED lamps.
The part is rated for up to 125°C ambient temperatures.
Package Type
REF
CS2
VDD
PWMD
VIN
CS1
GND
GATE
8
7
6
5
1
2
3
4
8-lead SOIC
(Top View)
See Table 2-1 for pin information.
Hysteretic Boost-Buck (Ćuk) LED Driver IC


Similar Part No. - AT9933LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AT9933LG-G SUTEX-AT9933LG-G Datasheet
625Kb / 9P
Hysteretic Boost-Buck (훴uk) LED Driver IC
More results

Similar Description - AT9933LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
Hysteretic Boost-Buck (Cuk) LED Driver ICs
AT9933 SUTEX-AT9933 Datasheet
515Kb / 9P
Hysteretic Boost-Buck (cuk) LED Driver IC
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
Supertex, Inc
AT9933 SUTEX-AT9933_12 Datasheet
625Kb / 9P
Hysteretic Boost-Buck (훴uk) LED Driver IC
AT9932 SUTEX-AT9932 Datasheet
655Kb / 10P
Automotive Boost-Buck LED Lamp Driver IC
HV9930 SUTEX-HV9930_11 Datasheet
570Kb / 7P
Hysteretic Boost-Buck (훴uk) LED Driver IC
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com