Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933LG-G Datasheet(PDF) 6 Page - Microchip Technology

Part # AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Datasheet(HTML) 6 Page - Microchip Technology

Back Button AT9933LG-G Datasheet HTML 2Page - Microchip Technology AT9933LG-G Datasheet HTML 3Page - Microchip Technology AT9933LG-G Datasheet HTML 4Page - Microchip Technology AT9933LG-G Datasheet HTML 5Page - Microchip Technology AT9933LG-G Datasheet HTML 6Page - Microchip Technology AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology AT9933LG-G Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AT9933
DS20005597A-page 6
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The details on the pins of AT9933 are listed on
Table 2-1. Refer to Package Type for the location of
the pins.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VIN
This pin is the input of an 8V–75V voltage regulator.
2
CS1
This pin is used to sense the input and output currents of the boost-buck converter. It is
a non-inverting input of the internal comparator.
3
GND
This is the ground return for all the internal circuitry. This pin must be electrically
connected to the ground of the power train.
4
GATE
This pin is the output gate driver for an external N-channel power Metal-oxide
Semiconductor Field-effect Transistor (MOSFET).
5
PWMD
When this pin is left open or pulled to GND, the gate driver is disabled. Pulling the pin to
a voltage greater than 2V will enable the gate driver output.
6
VDD
This is a power supply pin for all internal circuits. It must be bypassed to GND with a
low-ESR capacitor greater than 0.1 µF.
7
CS2
This pin is used to sense the input and output currents of the boost-buck converter. It is
a non-inverting input of the internal comparator.
8
REF
This pin provides accurate reference voltage. It must be bypassed with a
0.01 µF–0.1 µF capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com