Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933LG-G Datasheet(PDF) 9 Page - Microchip Technology

Part # AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Datasheet(HTML) 9 Page - Microchip Technology

Back Button AT9933LG-G Datasheet HTML 5Page - Microchip Technology AT9933LG-G Datasheet HTML 6Page - Microchip Technology AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology AT9933LG-G Datasheet HTML 10Page - Microchip Technology AT9933LG-G Datasheet HTML 11Page - Microchip Technology AT9933LG-G Datasheet HTML 12Page - Microchip Technology AT9933LG-G Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005597A-page 9
AT9933
4.0
APPLICATION INFORMATION
4.1
Overvoltage Protection
Overvoltage protection can be added by splitting the
output side resistor RS2 into two components and
adding a Zener diode D3. (Refer to Figure 4-1 below.)
When there is an Open LED condition, the diode D3 will
clamp the output voltage and the Zener diode current
will be regulated by the sum of RS2A and RCS2.
4.2
Damping Circuit
The Ćuk converter is inherently unstable when the
output current is being controlled. An uncontrolled input
current will lead to an undamped oscillation between L1
and C1, causing excessively high voltages across
capacitor C1. To prevent these oscillations, a damping
circuit consisting of RD and CD is applied across the
capacitor C1. This damping circuit will stabilize the
circuit and help in the proper operation of the converter.
4.3
Design and Operation of the
Boost-buck Converter
For details on the design for a boost-buck converter
using the AT9933 and the calculation of the damping
components, refer to Application Notes AN-H51 and
AN-H58.
4.4
Design Example
The choice of the resistor dividers to set the input and
output current levels is illustrated by means of the
design example given below.
The parameters of the power circuit are:
VIN MIN
9.01V
=
VIN MAX
16V
=
VO
28V
=
IO
0.35A
=
fS MIN
300kHz
=
Using these parameters, the values of the power stage
inductors and capacitor can be computed. (See figures
below.) Refer to Application Note AN-H51 for more
details.
L1
82
H
=
L2
150
H
=
C1
0.22
F
=
The input and output currents for this design are:
IIN MAX
1.6A
=
I
IN
0.21A
=
IO
350mA
=
IO
87.5mA
=
VIN
GATE
CS1
GND
VDD
PWMD
CS2
REF
VDC
L
1
L
2
C
1
Q
1
D1
R
CS1
R
S2A
R
REF2
R
REF1
R
S1
C
2
D
2 (optional)
-
VO
+
C
3
R
CS2
C
O
R
D
C
D
AT9933
R
S2B
D
3
FIGURE 4-1:
Design Example Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com