Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 2 Page - Integrated Device Technology

  SAP5 Datasheet HTML 1Page - Integrated Device Technology SAP5 Datasheet HTML 2Page - Integrated Device Technology SAP5 Datasheet HTML 3Page - Integrated Device Technology SAP5 Datasheet HTML 4Page - Integrated Device Technology SAP5 Datasheet HTML 5Page - Integrated Device Technology SAP5 Datasheet HTML 6Page - Integrated Device Technology SAP5 Datasheet HTML 7Page - Integrated Device Technology SAP5 Datasheet HTML 8Page - Integrated Device Technology SAP5 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
AS-Interface Spec. V3.0
Compliant Universal AS-i IC
SAP51 / SAP5S
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 28, 2016
neg
Main
State
Machine
Power
Supply
pos
MAN
UART
LTGP
LTGN
CDC
U5R
P[3:0]
D[3:0]
Output
LED1, LED2
I / O
DSTBn
Output
PSTBn
Input
PFAULT
DSTB
LED
PSTB
PFAULT
EEPROM
OSC1
OSC2
clk
Oscillator
PLL
Offset
I / O
Offset
I / O
Param
Data
UOUT
Thermal
Protection
APF
Power
Fail Detector
Receiver
Transmitter
Electronic
Inductor
Typical Applications
• AS-i Master Modules
• AS-i Slave Modules
• AS-i Safety Modules
(SAP5S only)
SAP5S/ SAP51
Block Diagram
Ordering Information
Ordering Code
Operating Temperature
Package Type
RoHS?
Packaging
SAP5SD-A-G1-T
-25°C to +85°C
SOP20 / 300 mil
Yes
Tubes
(37 parts/tube)
SAP51D-A-G1-T
SAP5SD-A-G1-R
-25°C to +85°C
SOP20 / 300 mil
Yes
Tape and Reel
(1000 parts/reel)
SAP51D-A-G1-R
SAP5SD-B-G1-T
-25°C to +85°C
SOP16 / 300 mil
Yes
Tubes
(46 parts/tube)
SAP51D-B-G1-T
SAP5SD-B-G1-R
-25°C to +85°C
SOP16 / 300 mil
Yes
Tape and Reel
(1000 parts/reel)
SAP51D-B-G1-R
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com