Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5 Datasheet(PDF) 37 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 33Page - Integrated Device Technology SAP5 Datasheet HTML 34Page - Integrated Device Technology SAP5 Datasheet HTML 35Page - Integrated Device Technology SAP5 Datasheet HTML 36Page - Integrated Device Technology SAP5 Datasheet HTML 37Page - Integrated Device Technology SAP5 Datasheet HTML 38Page - Integrated Device Technology SAP5 Datasheet HTML 39Page - Integrated Device Technology SAP5 Datasheet HTML 40Page - Integrated Device Technology SAP5 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
37
January 28, 2016
Table 5.13 Meaning of Master Call Bits I[3:0] with Ext_Addr_4I/4O_Mode = ‘1’
Master Call
Bit
Operation / Meaning
Parallel_Out_4I/4O = ‘0’
Parallel_Out_4I/4O = ‘1’
I2 = ‘0’
I2 = ‘1’
I2 = ‘0’
I2 = ‘1’
I0
D2 = I0
D3 = I1
D1 = unchanged
D0 = unchanged
D2 = unchanged
D3 = unchanged
D1 = I1
D0 = I0
D2 = I0
D3 = I1
D1 = DO1_tmp
2)
D0 = DO0_tmp
2)
D2 = unchanged
1)
D3 = unchanged
1)
D1 = unchanged
1)
D0 = unchanged
1)
DO1_tmp = I1
DO0_tmp = I0
I1
I2
I2 =
Sel����-bitfortransmissiontoBank_1(D0/D1)/Bank_2(D2/D3)
I3
I3 =
Sel����-bitforA-Slave/B-Slaveaddressing(seeTable3.2)
1)
If I2 = ‘1’ then I0/I1 are directed to temporary data output registers DO0_tmp/DO1_tmp.
2)
If I2 = ‘0’ then I0/I1 are directed to the data output registers D2/D3 and DO0_tmp/DO1_tmp are directed to data output registers
D0/D1.
In order to ensure that both Bank_1 and Bank_2 data are refreshed continuously, the SAP5 supervises the
alternation of the I2 Sel-bit by use of the 4I/4O Watchdog.
The 4I/4O Watchdog gets activated as soon as
•
The Communication Watchdog is activated (refer to section 5.17 and Table 5.22).
•
The SAP5 is operated in Extended Address Mode and the Ext_Addr_4I/4O_Mode flag is set (= ‘1’) in the
EEPROM.
•
Slave address is not equal to zero (0HEX).
•
No EEPROM write access is active.
•
The slave is activated, i.e. the Data_Exchange_Disable flag is cleared (‘0’).
If there is no alternation of the I2 bit for more than 327ms (+16ms) after the activation of the slave, the 4I/4O
Watchdog takes the following actions:
•
It generates Data and Parameter Strobe signals at the DSTBn and PSTBn pins with timing according to
Figure 5.2 and Figure 5.3.
•
After DSTBn and PSTBn strobe generation has finished, the 4I/4O Watchdog invokes an unconditioned
SAP5 reset. It sets the Data_Exchange_Disable flag and afterwards starts the SAP5 initialization
procedure, switching all Data and Parameter Outputs inactive.
Input data is captured and returned to the master at every cycle, independent of the value of information bit I2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com