Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5 Datasheet(PDF) 40 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 36Page - Integrated Device Technology SAP5 Datasheet HTML 37Page - Integrated Device Technology SAP5 Datasheet HTML 38Page - Integrated Device Technology SAP5 Datasheet HTML 39Page - Integrated Device Technology SAP5 Datasheet HTML 40Page - Integrated Device Technology SAP5 Datasheet HTML 41Page - Integrated Device Technology SAP5 Datasheet HTML 42Page - Integrated Device Technology SAP5 Datasheet HTML 43Page - Integrated Device Technology SAP5 Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
40
January 28, 2016
5.11. LED Outputs
5.11.1. Slave Mode
The SAP5 provides two LED pins for enhanced status indication. LED1 and LED2 both comprise NMOS open-
drain output drivers. In addition, LED2 contains a high-voltage, high-impedance input stage for purposes of the
SAP5 production test.
Note: In order to comply with the signaling schemes defined in the AS-Interface Complete Specification, a red
LED must be connected to LED2 and a green LED must be connected to LED1.
The following status indication is supported:
Table 5.16 LED Status Indication
Priority/Status
LED1 / LED 2
Notes
1. Power off
No power supply available.
2. External reset
DSTRBn pin driven low for more than 90ms.
3. Periphery fault
Alternating
Periphery fault signal generated at PFAULT input pin as described in
section 5.10.
4. No data exchange
(Address = 0)
Slave is waiting for address assignment. Data Port communication is not
possible.
5. No data exchange
The SAP5 was reset by the Communication Watchdog or by RES or BR01
master calls; thus the Data_Exchange_Disable flag is still set, prohibiting
Data Port communication. The SAP5 is waiting for a Write_Parameter
request. This status is not signaled if the Communication Watchdog is not
activated (see section 5.17).
6. Normal operation
Data communication is established.
The flashing frequency of any flashing status indication is approximately 2Hz.
In the case of a simultaneous occurrence of several states, the status with the highest priority is signaled.
gree
n
red
red
green
red
green
red
green
red
red
red
red
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com