Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 11Page - Integrated Device Technology SAP5 Datasheet HTML 12Page - Integrated Device Technology SAP5 Datasheet HTML 13Page - Integrated Device Technology SAP5 Datasheet HTML 14Page - Integrated Device Technology SAP5 Datasheet HTML 15Page - Integrated Device Technology SAP5 Datasheet HTML 16Page - Integrated Device Technology SAP5 Datasheet HTML 17Page - Integrated Device Technology SAP5 Datasheet HTML 18Page - Integrated Device Technology SAP5 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
15
January 28, 2016
The data port is accompanied by the data strobe signal DSTBn. There is a defined phase relation between a data
output event, the input data sampling and the activation of the DSTBn signal. Thus, it can be used to trigger
external logic or a microcontroller to process the received data or to provide new input data for the AS-i slave
response. See section 5.8 for further details.
3.2.5.
Data Input Inversion
By default, the logic signal (HIGH/LOW) that is present at the data input pins during the input sampling phase is
transferred without modification to the send register, which is interfaced by the UART. Thus, the signal becomes
directly part of the slave response.
Some applications work with inverted logic levels. To avoid additional external inverters, the input signal can be
inverted by the SAP5 before transferring it to the send register. The inversion of the input signals can be done
jointly for all data input pins. See section 5.8.
3.2.6.
Data Input Filtering
To prevent input signal bouncing from being transferred to the AS-i master, the data input signals can be digitally
filtered. Activation of the filter is done jointly either by EEPROM configuration or by the logic state of parameter
port pin P2. For more detailed information, refer to section 5.8.
3.2.7.
Synchronous Data I/O Mode
AS-Interface Complete Specification V3.0 newly defines a synchronous data I/O feature, which allows a number
of slaves in the network to switch their outputs at the same time and to have their inputs sampled simultaneously.
This feature is especially useful if more than 4-bit wide data is to be provided synchronously to an application.
The synchronization point is defined as the data exchange event of the slave with the lowest address in the
network. This definition relies on the cyclical slave polling with increasing slave addresses per cycle, which is one
of the basic communication principles of AS-i. The SAP5 always monitors the data communication and detects
the change from a higher to a lower slave address. If such a change has been recognized, the SAP5 assumes
that the slave with the lower address has the lowest address in the network.
There are some special procedures that become active during the start of synchronous I/O mode operation and if
more than three consecutive telegrams have been sent to the same slave address. This is described in more
detail in section 5.8.3.
3.2.8.
4 Input / 4 Output Processing in Extended Address Mode
A new feature of AS-Interface Complete Specification V3.0 is additional support of 4-bit wide output data in
Extended Address Mode. Until AS-Interface Complete Specification V2.11, it was only possible to send three data
output bits from the master to the slave in Extended Address Mode because telegram bit I3 was used to select
between the A or B slave type for extended slave addressing (up to 62 slaves per network). In normal address
mode, bit I3 carries output data for pin D3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com