Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 16 Page - Integrated Device Technology

Part # SAP51D-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-B-G1-R Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button SAP51D-B-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 14Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 15Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 16Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 17Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 18Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 19Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 28, 2016
The new definition introduces a multiplexed data transfer so that all 4-bits of the data output port can be used
again. A first AS-i cycle transfers the data for a 2-bit output nibble only, and then the second AS-i cycle transfers
the data for the complementary 2-bit nibble. Nibble selection is done by the remaining third bit. To ensure
continuous alternation of information bit I2 and thus continued data transfer of both nibbles, a special watchdog
has been implemented that observes the state of the I2 bit. The watchdog can be activated or deactivated by
EEPROM setting. It provides a watchdog filter time of about 327ms.
The multiplexed transfer increases the refresh time per output by a factor of two; however, some applications can
tolerate this increase and gain the advantage of less external circuitry and better slave address efficiency. The
sampling cycle of the data inputs remains unchanged since the meaning of bit I3 has not been changed in the
slave response with the definition of the Extended Address Mode.
More detailed information is given in section 5.8.4.
3.2.9.
AS-i Safety Mode
Using the SAP5 Safety Mode makes it easy to implement a safety-related AS-i slave according to the AS-i Safety
at Work concept. Slaves complying with the control category 4 according to EN 954 –1 can be implemented even
with a minimum of external circuitry.
In Safety Mode, the response of the SAP5 on a Data_Exchange master call (DEXG) is different. Instead of
responding with the regular input data provided at the data ports, a 4-bit data word from a specific 8
∗4 bit code
table is transmitted to the master. Cycling the code table is used to transmit another data word with each DEXG
master call. The data transmission is supervised by a safety monitor.
In Safety Mode, the use of the enhanced data input features described in sections 3.2.5 to 3.2.8 are disabled. In
this case, the Safety Mode related inputs act as 3-level inputs. See section 5.18 for further details.
3.2.10. Enhanced LED Status Indication
The SAP5 supports status indication by two LED outputs. More detailed information on the signaling scheme can
be found in section 5.11.
3.2.11. Communication Monitor/Watchdog
Data and parameter communication is continuously observed by a communication monitor. If neither
Data_Exchange nor Write_Parameter calls have been addressed to and received by the SAP5 within a time
frame of approximately 41ms, the No Data/Parameter Exchange status is detected and signaled at LED1.
If the respective flags are set in the EEPROM, the communication monitor can also act as a communication
watchdog that initiates a complete SAP5 reset after the expiration of the watchdog timer. The watchdog mode can
also be activated and deactivated by a signal at parameter port pin P0. For additional detailed information, see
section 5.17.
3.2.12. Write Protection of ID_Code_Extension_1
As defined in AS-Interface Complete Specification V3.0 the SAP5 also supports write protection for
ID_Code_Extension_1. The feature allows the activation of new manufacturer-protected slave profiles and is
enabled by EEPROM setting. It is described in more detail in section 5.20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com