Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 22 Page - Integrated Device Technology

Part # SAP51D-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-B-G1-R Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button SAP51D-B-G1-R Datasheet HTML 18Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 19Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 20Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 28, 2016
Internal
EEPROM
Address
Bit Position
EEPROM Cell Contents
Description
Firmware Area
4
4
Synchronous_Data_IO
Synchronized Data I/O Mode
3 to 0
ID_Bit [3:0]
ID_Code
5
4
Inhibit_Write_ID1
ID_Code_Extension_1 is manufacturer configurable; refer to
section 5.20
3 to 0
ID2_Bit [3:0]
ID_Code_Extension_2
6
4
P1_Delay_Activation
If flag is set, the logic value at the parameter pin P1
determines whether the Delay_Mode function is active or
inactive; refer to Table 5.11
3 to 0
IO_Bit [3:0]
IO_Code
7
4
Lock_EE_PRG
Programming of the EEPROM Firmware region is possible
as long as this flag is not set (logic LOW).
3
Delay_Mode
Activates the Delay_Mode function, refer to Table 5.11
2
Invert_Data_In
All Data Port inputs are inverted.
1
Inhibit_BR01
If flag is set, the master call BR01 is not executed.
0
Inhibit_Watchdog
If flag is set, the watchdog is not activated.
8
4
P2_Sync_Activation
The Synchronized Data I/O Mode can be activated by
parameter bit P2 as described in Table 5.12.
3
Ext_Addr_4I/4O_Mode
4 Input/ 4 Output Mode in Extended Address Mode
2
Parallel_Out_4I/4O
Enables the parallel data output option in Extended Address
4I/4O Mode
1
Master_Mode
Master / Repeater Mode Flag
0
P0_Watchdog_Activation
The watchdog can be enabled / disabled by the logic value at
the parameter pin P0
9
4 to 0
Analog circuitry trim information
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com