Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 24 Page - Integrated Device Technology

Part # SAP51D-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-B-G1-R Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button SAP51D-B-G1-R Datasheet HTML 20Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
24
January 28, 2016
Internal
EEPROM
Address
EEPROM Cell Content
Programming Master Calls
8
P2_Sync_Activation
I4
Set Control Code 2 (RES) master call
1 + DEXG/WPAR master call 2
Ext_Addr_4I/4O_Mode
I3
Parallel_Out_4I/4O
I2
Master_Mode
I1
P0_Watchdog_Activation
I0
9
Analog circuitry trim
information
Accessible by IDT only
10
11
1)
According to Table 3.3.
2)
According to Table 3.2 with information bits corresponding to the left column; DEXG if I4 = ‘0’, WPAR if I4 = ‘1’. Note: In contrast to
regular WPAR/DEXG calls, the slave always returns the received data bits I3 to I0 for these master calls.
4.4.
Safety Area Programming (SAP5S only)
The Safety Area contains the cryptographic code table, which consists of 8 data words and one swap-flag each
(refer to section 5.18 for an explanation of the SAP5 Safety Mode). Similar to the Firmware Area, it can be
protected against undesired data modification by setting the Safety_Program_Mode_Disable flag; see address 31
in Table 4.4.
NOTE: Once the Safety_Program_Mode_Disable flag is set, the Safety Area of the EEPROM is permanently
locked; i.e., write access to the Safety Area as described in Table 4.4 is possible only as long as the
Safety_Program_Mode_Disable flag is not set.
Table 4.4
SAP5 EEPROM – Safety Area Content
Logical
EEPROM
Address
Bit
Position
EEPROM Cell Content
Description
1
4
S_flag_0
Swap-flag 0
3 to 0
DI_S0 [3:0]
Data Input word 0 from Safety Code Table
2
4
S_flag_1
Swap-flag 1
3 to 0
DI_S1 [3:0]
Data Input word 1 from Safety Code Table
3
4
S_flag_2
Swap-flag 2
3 to 0
DI_S2 [3:0]
Data Input word 2 from Safety Code Table
4
4
S_flag_3
Swap-flag 3
3 to 0
DI_S3 [3:0]
Data Input word 3 from Safety Code Table
5
4
S_flag_4
Swap-flag 4
3 to 0
DI_S4 [3:0]
Data Input word 4 from Safety Code Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com