Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-B-G1-R Datasheet(PDF) 20 Page - Integrated Device Technology

Part # SAP51D-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-B-G1-R Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button SAP51D-B-G1-R Datasheet HTML 16Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 17Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 18Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 19Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 20Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
20
January 28, 2016
4
EEPROM
4.1.
Overview
The SAP5 features an on-chip EEPROM with typical write and read times according to Table 4.1.
Table 4.1
EEPROM Read and Write Times
Parameter
Symbol
Min
Max
Unit
Initialization read out time
1)
tread_init
50.0
µs
Write time after ADRA master request
2)
twrt_adra1
38.0
ms
Write time after ADRA master request
3)
twrt_adra2
12.5
ms
Write time after WID1 master request (user access)
2)
twrt_wid1u
38.0
ms
Write time after WID1 master request (manufacturer access)
3)
twrt_wid1m
25.0
ms
Single cell write time
4)
twrt_prgm
12.5
ms
1)
Time includes read out of the configuration block. If running in Safety Mode, the User/Firmware Area and the Safety Area will be
read out in parallel.
2)
The Lock_EE_PRG flag is set.
3)
The Lock_EE_PRG flag is not yet set.
4)
Applies to the programming of data in both Firmware Area and Safety Area.
For security reasons, the memory area is structured in three independent data blocks and a single configuration
block containing the Security_Flag. The data blocks are named User Area, Firmware Area, and Safety Area,
which are defined in Table 4.2 and Table 4.4.
The Firmware Area contains all manufacturing-related configuration data; e.g., selection of optional features,
ID codes, etc. It can be protected against undesired data modification by setting the Lock_EE_PRG flag to ‘1’.
The User Area contains only such data that is relevant for changes at the final application (i.e., field installation of
slave module). Because the environment where modifications of the user data might become necessary can
sometimes be harsh and unpredictable, additional security has been added to the programming of the User Area,
ensuring a write access cannot result in an undetected corruption of EEPROM data.
The Safety Area contains the cryptographic code table for the Safety Mode.
The EEPROM cells in the User Area, Firmware Area, and Safety Area have a word width of 6 bits. The sixth bit is
not shown in Table 4.2 and Table 4.4. The sixth bit of each cell represents the odd parity of the respective data
word, providing an additional data security mechanism. The programming of the parity bit is performed
automatically during the EEPROM write process and cannot be influenced by the user. Each EEPROM read
process – particularly during initialization of the SAP5 – involves an evaluation of the parity bits. If an incorrect
parity bit is found in the User Area, the entire User Area data is treated as corrupted. The SAP5 returns to Slave
Address “0” and the ID_Code as well as the IO_Code are set to FHEX. If a false parity bit has been found in one or
more cells of the Firmware Area or the Safety Area, the status register bit S1 will be set (= ‘1’), signaling the same
state as if the input PFAULT had been set (see section 5.16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com