Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5181 Datasheet(PDF) 7 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 7 Page - Micross Components

Back Button AS5181 Datasheet HTML 3Page - Micross Components AS5181 Datasheet HTML 4Page - Micross Components AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components AS5181 Datasheet HTML 10Page - Micross Components AS5181 Datasheet HTML 11Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
7
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
CREF
REFO
2
OUTP
Positive Analog Output, Current Output
3
OUTN
Negative Analog Output, Current Output
4
AGND
Analog Ground
5AVDD Analog Positive Supply, +2.7V to +3.3V
6
DACEN
DAC Enable, Digital Input
0: Enter DAC standby mode with PD = DGND
1: Power-up DAC with PD = DGND
X: Enter shutdown mode with PD = DVDD (X = Don't Care)
7PD
Power-Down Select
0: Enter DAC standby mode (DACEN = DGND) or power-up DAC (DACEN = DVDD)
1: Enter shutdown mode
8
CS\
Active-Low Chip Select
9
CLK
Clock Input
10
REN\
Active-Low Reference Enable. Connect to DGND to activate on-chip +1.2V reference.
11
D0
Data Bit D0 (LSB)
12 - 19
D1 - D8 Data Bits D1 - D8
20
D9
Data Bit D9 (MSB)
21
DVDD Digital Supply, +2.7V to +3.3V
22
DGND
Digital Ground
23
REFR
Reference Input
24
REFO
Reference Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com