Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5181 Datasheet(PDF) 3 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 3 Page - Micross Components

  AS5181 Datasheet HTML 1Page - Micross Components AS5181 Datasheet HTML 2Page - Micross Components AS5181 Datasheet HTML 3Page - Micross Components AS5181 Datasheet HTML 4Page - Micross Components AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
3
ELECTRICAL CHARACTERISTICS (AV
DD = DVDD = +3V ±10%, AGND =
DGND = 0, f
CLK = 40MHz, IFS = 1mA, 400Ω differential output, CL = 5pF, TA = TMIN
to T
MAX, unless otherwise noted. Typical values are at TA = +25°C.) (continued)
PARAMETER
CONDITION
SYM
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage Range
VREF
1.12
1.2
1.28
V
Output Voltage Temperature Drift
TCVREF
50
ppm/°C
Reference Output Drive Capability
IREFOUT
10
μA
Reference Supply Rejection
0.5
mV/V
Current Gain (IFS/IREF)
8
mA/mA
POWER REQUIREMENTS
Analog Power-Supply Voltage
AVDD
2.7
3.3
V
Analog Supply Current
PD = 0, DACEN = 1, digital inputs at 0 or DVDD
IAVDD
1.7
4.0
mA
Digital Power-Supply Voltage
DVDD
2.7
3.3
V
Digital Supply Current
PD = 0, DACEN = 1, digital inputs at 0 or DVDD
IDVDD
4.2
5.0
mA
Standby Current
PD = 0, DACEN = 1, digital inputs at 0 or DVDD
ISTANDBY
11.5
mA
Shutdown Current
PD = 1, DACEN = X, digital inputs at 0 or DVDD
(X = don't care)
ISHDN
0.5
1
μA
LOGIC INPUTS AND OUTPUTS
Digital Input Voltage High
VIH
2V
Digital Input Voltage Low
VIL
0.8
V
Digital Input Current
VIN = 0 or DVDD
IIN
±1
μA
Digital Input Capacitance
CIN
10
pF
TIMING CHARACTERISTICS
DAC DATA to CLK Rise Setup Time
tDS
10
ns
DAC CLK Rise to DATA Hold Time
tDH
0ns
CS\ Fall to CLK Rise Time
5ns
CS\ Fall to CLK Fall Time
5ns
DACEN Rise Time to VOUT
0.5
μs
PD Fall Time to VOUT
50
μs
Clock Period
tCLK
25
ns
Clock High Time
tCH
10
ns
Clock Low Time
tCL
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com