Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5181 Datasheet(PDF) 1 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 1 Page - Micross Components

  AS5181 Datasheet HTML 1Page - Micross Components AS5181 Datasheet HTML 2Page - Micross Components AS5181 Datasheet HTML 3Page - Micross Components AS5181 Datasheet HTML 4Page - Micross Components AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
•
+2.7V to +3.3V Single-Supply Operation
• Wide Spurious-Free Dynamic Range: 70dB at
f
OUT = 2.2MHz
• Fully Differential Output
• Low-Current Standby or Full Shutdown Modes
•
Internal +1.2V, Low-Noise Bandgap Reference
•
Small 24-Pin Flat-pack Package
OPTIONS
MARKING
• Package(s)
24-Pin Flat-pack
F
• Operating Temperature Ranges
Extended Temperature (-55oC to +125oC)
XT
Industrial Temperature (-40°C to +85°C)
IT
Military Processing (-55°C to +125°C)
MIL
Space Processing (-55oC to +125oC)
SPACE
10 Bit, 40MHz
Current -Output DACs
For more products and information
please visit our web site at
www.micross.com
GENERAL DESCRIPTION
The AS5181 is a 10-bit, current-output digital-to-analog
converter (DAC) designed for superior performance in signal
reconstruction or arbitrary waveform generation applications
requiring analog signal reconstruction with low distortion
and low-power operation. The AS5181 are designed for a
10pVs glitch operation to minimize unwanted spurious signal
components at the output. An on-board 1.2V bandgap circuit
provides a well-regulated, low-noise reference that can be
disabled for external reference operation.
The devices are designed to provide a high level of sig-
nal integrity for the least amount of power dissipation. They
operate from a single 2.7V to 3.3V supply. Additionally,
these DACs have three modes of operation: normal, low-
power standby, and full shutdown, which provides the lowest
possible power dissipation with a 1μA (max) shutdown current.
A fast wake-up time (0.5μs) from standby mode to full DAC
operation facilitates power conservation by activating the DAC
only when required.
PIN ASSIGNMENT
(Top View)
24-Pin Flat Pack (F)


Similar Part No. - AS5181

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
AS5181F-IT AUSTIN-AS5181F-IT Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
AS5181F-MIL AUSTIN-AS5181F-MIL Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
AS5181F-SPACE AUSTIN-AS5181F-SPACE Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
AS5181F-XT AUSTIN-AS5181F-XT Datasheet
1Mb / 16P
10 Bit, 40MHz Current -Output DACs
More results

Similar Description - AS5181

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201 Datasheet
159Kb / 20P
PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
October, 2004 ??Rev. 3
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
Low Standby Current during Shutdown Mode
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
Low Standby Current during Shutdown Mode
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
Texas Instruments
USBN9604SLBX TI1-USBN9604SLBX Datasheet
538Kb / 62P
Low EMI, low standby current, 24 MHz oscillator
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
Low shutdown supply current
logo
Analog Devices
HMC701LP6CE AD-HMC701LP6CE Datasheet
1Mb / 40P
Fractional or Integer Modes
logo
Maxim Integrated Produc...
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
Independent Shutdown and Standby Controls
Rev 0; 5/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com