Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5181 Datasheet(PDF) 2 Page - Micross Components

Part # AS5181
Description  Low-Current Standby or Full Shutdown Modes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5181 Datasheet(HTML) 2 Page - Micross Components

  AS5181 Datasheet HTML 1Page - Micross Components AS5181 Datasheet HTML 2Page - Micross Components AS5181 Datasheet HTML 3Page - Micross Components AS5181 Datasheet HTML 4Page - Micross Components AS5181 Datasheet HTML 5Page - Micross Components AS5181 Datasheet HTML 6Page - Micross Components AS5181 Datasheet HTML 7Page - Micross Components AS5181 Datasheet HTML 8Page - Micross Components AS5181 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DAC
AS5181
AS5181
Rev. 0.4 01/10
Micross Components reserves the right to change products or specifications without notice.
2
*Stresses at or greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods will affect reliability.
ABSOLUTE MAXIMUM RATINGS*
AV
DD, DVDD to AGND, DGND.........................-0.3V to +6V
Digital Inputs to DGND......................................-0.3V to +6V
OUTP, OUTN, CREF to AGND….....................-0.3V to +6V
V
REF to AGND....................................................-0.3V to +6V
AGND to DGND.............................................-0.3V to +0.3V
AV
DD to DVDD ................................................................±3.3V
Maximum Current to Any Pin........................................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Flatpack (derate 9.50mW/°C above +70°C) ...762mW
Storage Temperature Range .........................-65°C to +150°C
Lead Temperature (soldering, 10s) .............................+300°C
ELECTRICAL CHARACTERISTICS (AV
DD = DVDD = +3V ±10%, AGND =
DGND = 0, f
CLK = 40MHz, IFS = 1mA, 400Ω differential output, CL = 5pF, TA = TMIN
to T
MAX, unless otherwise noted. Typical values are at TA = +25°C.)
(continued)
PARAMETER
SYM
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
N
10
Bits
Intergral Nonlinearity
INL
-2
±0.5
+2
LSB
Differential Nonlinearity
DNL
-1
±0.5
1
LSB
Zero-Scale Error
-2
+2
LSB
Full-Scale Error
-40
±15
+40
LSB
DYNAMIC PERFORMANCE
Output Settling Time
25
ns
Glitch Impulse
10
pVs
fOUT = 550kHz
72
TA = +25°C
fOUT = 2.2MHz
57
70
fOUT = 550kHz
-70
TA = +25°C
fOUT = 2.2MHz
-68
-63
fOUT = 550kHz
61
TA = +25°C
fOUT = 2.2MHz
56
59
Clock and Data Feedthrough
50
nVs
Output Noise
10
pA/Hz
ANALOG OUTPUT
Full-Scale Output Voltage
VFS
400
mV
Voltage Compliance of Output
-0.3
0.8
V
Output Leakage Current
-1
1
μA
Full-Scale Output Current
IFS
0.5
1
1.5
mA
DAC External Output Resistor
Load
RL
400
Ω
dB
dB
dBc
DACEN = 0
SFDR
THD
SNR
All 0s to all 1s
Signal-to-Noise Ratio to
Nyquist
To ±0.5LSB error band
fCLK = 40MHz
fCLK = 40MHz
fCLK = 40MHz
Spurious-Free Dynamic Range
to Nyquist
Total Harmonic Distortion to
Nyquist
CONDITION
Guaranteed monotonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com