Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 31 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 27Page - Microchip Technology USB5532B Datasheet HTML 28Page - Microchip Technology USB5532B Datasheet HTML 29Page - Microchip Technology USB5532B Datasheet HTML 30Page - Microchip Technology USB5532B Datasheet HTML 31Page - Microchip Technology USB5532B Datasheet HTML 32Page - Microchip Technology USB5532B Datasheet HTML 33Page - Microchip Technology USB5532B Datasheet HTML 34Page - Microchip Technology USB5532B Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
USB5532B
DS00001679C-page 31
 2012 - 2015 Microchip Technology Inc.
5.5.4
SPECIAL HUB COMMANDS
Below is a list of the extended commands and the code used to execute them.
The extended commands provide access to the status of the device. From these registers a SMBus controller can see
the connection status of the hub, communicate with the UCS1000, and change the SMBus address if desired. When
the extended command is sent the hub will interpret the memory starting at offset 00h as follows:
TABLE 5-1:
SPECIAL SMBUS COMMANDS
Operation
OPCODE
Description
Reboot
9936h
Reboot internal MCU.
Configuration Register
Access
9937h
Read and Write Configuration Registers
Extended Command
993Eh
Execute Extended Status Commands
USB Attach
AA55h
Enter Configuration Stage
USB Attach with SMBus
Access
AA56h
Enter Configuration Stage with SMBus Access Enabled
TABLE 5-2:
EXTENDED COMMANDS
Command
Code
Set Address
00h
Get Default Address
01h
Get Hub Info
02h
Get UCS Port Mask
03h
Port Connect Status
80h
Port Power Status
81h
Port Force Disable
82h
Port DP/DM Status
83h
UCS Byte Read
84h
UCS Byte Write
85h
UCS Block Read
86h
UCS Block Write
87h
TABLE 5-3:
MEMORY FORMAT FOR EXTENDED HUB COMMAND
RAM Address
Description
Notes
0000h
Command
Code of the extended command to execute.
0001h
Status
Always write 0 to this register, it will be updated after the command is exe-
cuted with the status.
0002h
Data1
The first byte of data to write to or read from when executing the command.
...
...
...
0004h+N
DataN
The Nth byte of data to write to or read from when executing the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com