Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 57 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 53Page - Microchip Technology USB5532B Datasheet HTML 54Page - Microchip Technology USB5532B Datasheet HTML 55Page - Microchip Technology USB5532B Datasheet HTML 56Page - Microchip Technology USB5532B Datasheet HTML 57Page - Microchip Technology USB5532B Datasheet HTML 58Page - Microchip Technology USB5532B Datasheet HTML 59Page - Microchip Technology USB5532B Datasheet HTML 60Page - Microchip Technology USB5532B Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
USB5532B
DS00001679C-page 68
 2012 - 2015 Microchip Technology Inc.
7.2
External Clock
50% duty cycle
 10%, 25 MHz  30 ppm, jitter < 100 ps rms.
7.2.1
SMBUS CLOCK
The maximum frequency allowed on the SMBus clock line is 100 kHz.
7.2.2
USB 2.0
bit The Microchip hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the
USB 2.0 Specification 1.
7.3
SPI Timing
Note:
The external clock is based upon 1.2 V CMOS Logic. XTALOUT should be treated as a no connect when
an external clock is supplied.
FIGURE 7-3:
SPI TIMING
TABLE 7-2:
SPI TIMING OPERATION
Name
Parameter
MIN
MAX
Unit
TFC
Clock Frequency
60
MHz
TCEH
Chip Enable High Time
50
ns
TCLQ
Clock to Input Data
9
ns
TDH
Input Data Hold Time
0
ns
TOS
Output Set up Time
5
ns
TOH
Output Hold Time
5
ns
TOV
Clock to Output Valid
4
ns
SPI_CEN
SPI_CLK
SPI_DI
SPI_DO
TDH
Input Data
Valid
TCLQ
Output Data
Valid
TOV
TOH
Output Data
Valid
TOS
TOH
TFC
TCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com