Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 36 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 32Page - Microchip Technology USB5532B Datasheet HTML 33Page - Microchip Technology USB5532B Datasheet HTML 34Page - Microchip Technology USB5532B Datasheet HTML 35Page - Microchip Technology USB5532B Datasheet HTML 36Page - Microchip Technology USB5532B Datasheet HTML 37Page - Microchip Technology USB5532B Datasheet HTML 38Page - Microchip Technology USB5532B Datasheet HTML 39Page - Microchip Technology USB5532B Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 36
USB5532B
Note 5-1
Status registers do not have a default value because the status can change depending on system
conditions.
5.6.1
ACCESSING RUNTIME REGISTERS
The Configuration Register Access operation allows the SMBus Master to read or write to the internal registers of the
hub. When the Configuration Register Access command is sent the hub will interpret the memory starting at offset 00h
as follows:
093Eh
R/W
PRT_PWR_PU
Port Power Pull-up Resistor Register
00h
3C00h
R/W
PRT_PWR_SEL1
Port 1 Power Select Register
03h
3C04h
R/W
PRT_PWR_SEL2
Port 2 Power Select Register
03h
3C20h
R/W
OCS_CFG_SEL1
Port 1 OCS Select Register
01h
3C24h
R/W
OCS_CFG_SEL2
Port 2 OCS Select Register
01h
5246h
R/W
CDP_DETECT
Charging Downstream Detected Register
Note 5-1
525Ah
R/W
OSC_GANG
OCS Gang Control Register
00h
525Bh
R/W
OCS_GANG_GPIO
OCS Gang Signal Select Register
00h
60CAh
R/W
HS_UP_BOOST
USB Upstream Boost Register
00h
60CCh
R/W
HS_UP_SENSE
USB Upstream VariSense Register
00h
61C0h
R/W
SS_UP_STATE
USB3 Upstream Link State Register
Note 5-1
64CAh
R/W
HS_P1_BOOST
USB Port 1 Boost Register
00h
64CCh
R/W
HS_P1_SENSE
USB Port 1 VariSense Register
00h
65C0h
R/W
SS_P1_STATE
USB3 Port 1 Link State
Note 5-1
68CAh
R/W
HS_P2_BOOST
USB Port 2 Boost Register
00h
68CCh
R/W
HS_P2_SENSE
USB Port 2 VariSense Register
00h
69C0h
R/W
SS_P2_STATE
USB3 Port 2 Link State
Note 5-1
TABLE 5-13:
MEMORY FORMAT FOR CONFIGURATION REGISTER ACCESS
RAM Address
Description
Notes
0000h
Direction
0 = Register Write, 1 = Register Read.
0001h
Data Length
Number of bytes to Read/Write when executing the command.
0002h
Configuration
Address MSB
The upper byte of the 16-bit configuration register address.
0003h
Configuration
Address LSB
The lower byte of the 16-bit configuration register address.
0004h
Data1
The first byte of data to write to or read from the Configuration Address.
...
...
...
0004h+N
DataN
The Nth byte of data to write to or read from the Configuration Address, N
is equal to the Data Length.
TABLE 5-12:
CONFIGURATION REGISTER MEMORY MAP (CONTINUED)
ADDR
R/W
Name
Function
INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com