Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 54 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB5532B Datasheet HTML 50Page - Microchip Technology USB5532B Datasheet HTML 51Page - Microchip Technology USB5532B Datasheet HTML 52Page - Microchip Technology USB5532B Datasheet HTML 53Page - Microchip Technology USB5532B Datasheet HTML 54Page - Microchip Technology USB5532B Datasheet HTML 55Page - Microchip Technology USB5532B Datasheet HTML 56Page - Microchip Technology USB5532B Datasheet HTML 57Page - Microchip Technology USB5532B Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 65
USB5532B
6.4
DC Electrical Characteristics
Note 6-2
Output leakage is measured with the current pins in high impedance.
Note 6-3
See USB 2.0 Specification 1. for USB DC electrical characteristics.
TABLE 6-2:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
IS Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Hysteresis (IS only)
VHYSI
420
mV
I, IPU, IPD Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Pull Down
PD
72
AV
IN = 0
Pull Up
PU
58
AV
IN = VDD33
ICLK Input Buffer
Low Input Level
VILCK
0.3
V
High Input Level
VIHCK
0.8
V
Input Leakage
IIL
-10
+10
AV
IN = 0 to VDD33
Input Leakage
(All I and IS buffers)
Low Input Leakage
IIL
-10
+10
AV
IN = 0
High Input Leakage
IIH
-10
+10
AV
IN = VDD33
O12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
VDD33
-0.4
VIOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
AV
IN = 0 to VDD33
(Note 6-2)
I/O12, I/O12PU & I/O12PD
Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
VDD33
-0.4
VIOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
AV
IN = 0 to VDD33
(Note 6-2)
Pull Down
PD
72
A
Pull Up
PU
58
A
IO-U
(Note 6-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com