Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740Ai-EN Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 34Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 35Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 36Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 37Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 38Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 39Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 40Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 41Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 38
2013-2015 Microchip Technology Inc.
3.8.1.4
LED2/nINT/nPME Usage with nINTSEL Disabled
When the LED2/nINT/nPME/nINTSEL pin is low during reset, the nINT/TXER/TXD4 pin is configured to function as
TXER/TXD4. After the deassertion of reset, this pin will first function as LED2. Upon configuration, it can function as
nINT or nPME. Figure 3-10 illustrates the steps required to program the LED2 pin as nINT or nPME with nINTSEL dis-
abled.
In this configuration, it is not recommended to connect an LED to this pin. Because this pin is active high, the LED will
be lit while waiting for a WoL event.
3.8.1.5
REGOFF and LED1 Polarity Selection
The REGOFF configuration strap is shared with the LED1 pin. The LED1 output will automatically change polarity based
on the presence of an external pull-up resistor. If the LED1 pin is pulled high to VDD2A by an external pull-up resistor
to select a logical high for REGOFF, then the LED1 output will be active low. If the LED1 pin is pulled low by the internal
pull-down resistor to select a logical low for REGOFF, the LED1 output will then be an active high output. Figure 3-11
details the LED1 polarity for each REGOFF configuration.
FIGURE 3-10:
LED2/nINT/nPME WITH nINTSEL DISABLED
FIGURE 3-11:
LED1/REGOFF POLARITY CONFIGURATION
Note:
Refer to Section 3.7.4, "REGOFF: Internal +1.2 V Regulator Configuration" for additional information on
the REGOFF configuration strap.
nRST
LED2/nINT/
WUCSR[12:11]
Link Speed
nINT/nPME
00b
01b/10b
nPME/nINTSEL
LED1/REGOFF
~270
REGOFF = 0 (Regulator ON)
LED output = Active High
~270
VDD2A
REGOFF = 1 (Regulator OFF)
LED output = Active Low
LED1/REGOFF
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com