Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740Ai-EN Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 5 Page - Microchip Technology

  LAN8740Ai-EN Datasheet HTML 1Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 2Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 3Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 4Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 5Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 6Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 7Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 8Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
 2013-2015 Microchip Technology Inc.
DS00001987A-page 5
LAN8740A/LAN8740Ai
The LAN8740A/LAN8740Ai is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature
range versions. A typical system application is shown in Figure 1-1. Figure 1-2 provides an internal block diagram of the
device.
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
FIGURE 1-2:
ARCHITECTURAL OVERVIEW
LAN8740A/
LAN8740Ai
10/100
Ethernet
MAC
MII/
RMII
Mode
LED
Transformer
Crystal or
Clock
Oscillator
MDI
RJ45
Interrupt
Generator
LEDs
PLL
Receiver
DSP System:
Clock
Data Recovery
Equalizer
Squeltch
& Filters
Analog-to-
Digital
10M RX
Logic
100M RX
Logic
100M PLL
10M PLL
Transmitter
10M
Transmitter
100M
Transmitter
10M TX
Logic
100M TX
Logic
Central Bias
PHY Address
Latches
LAN8740A/LAN8740Ai
RBIAS
LED1
nINT
XTAL2
XTAL1/CLKIN
LED2
Management
Control
Mode Control
Reset Control
MDIX
Control
HP Auto-MDIX
RXP/RXN
TXP/TXN
TXD[0:3]
TXEN
TXER
TXCLK
RXD[0:3]
RXDV
RXER
RXCLK
CRS
COL/CRS_DV
MDC
MDIO
Auto-
Negotiation
RMIISEL
nRST
MODE[0:2]
SMI
PHYAD[0:2]
WoL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com