Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740Ai-EN Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 71Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 72Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 73Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 74Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 75Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 76Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 77Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 78Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 75
LAN8740A/LAN8740Ai
4.2.16
TDR CONTROL/STATUS REGISTER
Index (In Decimal):
25
Size:
16 bits
Bits
Description
Type
Default
15
TDR Enable
0 = TDR mode disabled
1 = TDR mode enabled
Note:
This bit self clears when TDR completes
(TDR Channel Status goes high)
R/W
NASR
SC
0b
14
TDR Analog to Digital Filter Enable
0 = TDR analog to digital filter disabled
1 = TDR analog to digital filter enabled (reduces noise spikes during TDR
pulses)
R/W
NASR
0b
13:11
RESERVED
RO
-
10:9
TDR Channel Cable Type
Indicates the cable type determined by the TDR test.
00 = Default
01 = Shorted cable condition
10 = Open cable condition
11 = Match cable condition
R/W
NASR
00b
8
TDR Channel Status
When high, this bit indicates that the TDR operation has completed. This bit
will stay high until reset or the TDR operation is restarted (TDR Enable = 1)
R/W
NASR
0b
7:0
TDR Channel Length
This eight bit value indicates the TDR channel length during a short or open
cable condition. Refer to Section 3.8.11.1, "Time Domain Reflectometry (TDR)
Cable Diagnostics" for additional information on the usage of this field.
Note:
This field is not valid during a match cable condition. The Cable
Length Register must be used to determine cable length during a
non-open/short (match) condition. Refer to Section 3.8.11, "Cable
Diagnostics" for additional information.
R/W
NASR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com