Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8740Ai-EN Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 39Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 40Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 41Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 42Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 43Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 44Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 45Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 46Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 43
LAN8740A/LAN8740Ai
As an example, the Host system must perform the following steps to enable the device to assert nINT on detection of a
Wakeup Frame WoL event:
Declare Pattern:
1.
Update the Wakeup Filter Byte Mask Registers (WUF_MASK) to indicate the valid bytes to match.
2.
Calculate the CRC-16 value of valid bytes off-line and update the Wakeup Filter Configuration Register B
(WUF_CFGB). CRC-16 is calculated as follows:
At the start of a frame, CRC-16 is initialized with the value FFFFh. CRC-16 is updated when the pattern offset and mask
indicate the received byte is part of the checksum calculation. The following algorithm is used to update the CRC-16 at
that time:
Let:
^ denote the exclusive or operator.
Data [7:0] be the received data byte to be included in the checksum.
CRC[15:0] contain the calculated CRC-16 checksum.
F0 … F7 be intermediate results, calculated when a data byte is determined to be part of the CRC-16.
Calculate:
F0 = CRC[15] ^ Data[0]
F1 = CRC[14] ^ F0 ^ Data[1]
F2 = CRC[13] ^ F1 ^ Data[2]
F3 = CRC[12] ^ F2 ^ Data[3]
F4 = CRC[11] ^ F3 ^ Data[4]
F5 = CRC[10] ^ F4 ^ Data[5]
F6 = CRC[09] ^ F5 ^ Data[6]
F7 = CRC[08] ^ F6 ^ Data[7]
The CRC-32 is updated as follows:
CRC[15] = CRC[7] ^ F7
CRC[14] = CRC[6]
CRC[13] = CRC[5]
CRC[12] = CRC[4]
CRC[11] = CRC[3]
CRC[10] = CRC[2]
CRC[9] = CRC[1] ^ F0
CRC[8] = CRC[0] ^ F1
CRC[7] = F0 ^ F2
CRC[6] = F1 ^ F3
CRC[5] = F2 ^ F4
CRC[4] = F3 ^ F5
CRC[3] = F4 ^ F6
CRC[2] = F5 ^ F7
CRC[1] = F6
CRC[0] = F7
3.
Determine the offset pattern with offset 0 being the first byte of the destination address. Update the offset in the
Filter Pattern Offset field of the Wakeup Filter Configuration Register A (WUF_CFGA).
Determine Address Matching Conditions:
4.
Determine the address matching scheme based on Table 3-8 and update the Filter Broadcast Enable, Filter Any
Multicast Enable, and Address Match Enable bits of the Wakeup Filter Configuration Register A (WUF_CFGA)
accordingly.
5.
If necessary (see step 4), set the desired MAC address to cause the wake event in the MAC Receive Address A
Register (RX_ADDRA), MAC Receive Address B Register (RX_ADDRB), and MAC Receive Address C Register
(RX_ADDRC).
6.
Set the Filter Enable bit of the Wakeup Filter Configuration Register A (WUF_CFGA) to enable the filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com