Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8700 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 17Page - Microchip Technology LAN8700 Datasheet HTML 18Page - Microchip Technology LAN8700 Datasheet HTML 19Page - Microchip Technology LAN8700 Datasheet HTML 20Page - Microchip Technology LAN8700 Datasheet HTML 21Page - Microchip Technology LAN8700 Datasheet HTML 22Page - Microchip Technology LAN8700 Datasheet HTML 23Page - Microchip Technology LAN8700 Datasheet HTML 24Page - Microchip Technology LAN8700 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 21
LAN8700/LAN8700i
ticity buffering. The elasticity buffer does not affect the Inter-Packet Gap (IPG) for received IPGs of 36 bits or greater.
To tolerate the clock variations specified here for Ethernet MTUs, the elasticity buffer shall tolerate a minimum of ±10
bits.
4.6.2.2
CRS_DV - Carrier Sense/Receive Data Valid
The CRS_DV is asserted by the LAN8700/LAN8700i when the receive medium is non-idle. CRS_DV is asserted asyn-
chronously on detection of carrier due to the criteria relevant to the operating mode. That is, in 10BASE-T mode, when
squelch is passed or in 100BASE-X mode when 2 non-contiguous zeroes in 10 bits are detected, carrier is said to be
detected.
Loss of carrier shall result in the deassertion of CRS_DV synchronous to the cycle of REF_CLK which presents the first
di-bit of a nibble onto RXD[1:0] (i.e. CRS_DV is deasserted only on nibble boundaries). If the LAN8700/LAN8700i has
additional bits to be presented on RXD[1:0] following the initial deassertion of CRS_DV, then the LAN8700/LAN8700i
shall assert CRS_DV on cycles of REF_CLK which present the second di-bit of each nibble and de-assert CRS_DV on
cycles of REF_CLK which present the first di-bit of a nibble. The result is: Starting on nibble boundaries CRS_DV toggles
at 25 MHz in 100Mb/s mode and 2.5 MHz in 10Mb/s mode when CRS ends before RX_DV (i.e. the FIFO still has bits
to transfer when the carrier event ends.) Therefore, the MAC can accurately recover RX_DV and CRS.
During a false carrier event, CRS_DV shall remain asserted for the duration of carrier activity. The data on RXD[1:0] is
considered valid once CRS_DV is asserted. However, since the assertion of CRS_DV is asynchronous relative to
REF_CLK, the data on RXD[1:0] shall be “00” until proper receive signal decoding takes place.
4.6.3
MII VS. RMII CONFIGURATION
The LAN8700/LAN8700i must be configured to support the MII or RMII bus for connectivity to the MAC. This configu-
ration is done through the COL/RMII/CRS_DV pin. To select MII mode, float the COL/RMII/CRS_DV pin. To select RMII
mode, pull the pin high with an external resistor (see Table 4-3, “Boot Strapping Configuration Resistors,” on page 25)
to VDDIO. On the rising edge of the internal reset (nreset), the register bit 18.14 (MIIMODE) is loaded based on the
strapping of the COL/RMII/CRS_DV pin.
Most of the MII and RMII pins are multiplexed. Table 4-2, "MII/RMII Signal Mapping", shown below, describes the rela-
tionship of the related device pins to what pins are used in MII and RMII mode.
TABLE 4-2:
MII/RMII SIGNAL MAPPING
Signal Name
MII Mode
RMII Mode
TXD0
TXD0
TXD0
TXD1
TXD1
TXD1
TX_EN
TX_EN
TX_EN
RX_ER/
RXD4
RX_ER/
RXD4/
RX_ER
Note 4-2
COL/RMII/
CRS_DV
COL
CRS_DV
RXD0
RXD0
RXD0
RXD1
RXD1
RXD1
TXD2
TXD2
Note 4-1
TXD3
TXD3
Note 4-1
TX_ER/
TXD4
TX_ER/
TXD4
CRS
CRS
RX_DV
RX_DV
RXD2
RXD2
RXD3/
nINTSEL
RXD3
TX_CLK
TX_CLK
RX_CLK
RX_CLK
CLKIN/
XTAL1
CLKIN/
XTAL1
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com