Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8700 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 9Page - Microchip Technology LAN8700 Datasheet HTML 10Page - Microchip Technology LAN8700 Datasheet HTML 11Page - Microchip Technology LAN8700 Datasheet HTML 12Page - Microchip Technology LAN8700 Datasheet HTML 13Page - Microchip Technology LAN8700 Datasheet HTML 14Page - Microchip Technology LAN8700 Datasheet HTML 15Page - Microchip Technology LAN8700 Datasheet HTML 16Page - Microchip Technology LAN8700 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
2007-2016 Microchip Technology Inc.
DS00002260A-page 13
LAN8700/LAN8700i
TABLE 3-8:
POWER SIGNALS
Signal Name
Type
Description
VDDIO
POWER
+1.6V to +3.6V Variable I/O Pad Power
VDD33
POWER
+3.3V Core Regulator Input.
VDDA3.3
POWER
+3.3V Analog Power
VDD_CORE
POWER
+1.8V (Core voltage) - 1.8V for digital circuitry on chip. Supplied
by the on-chip regulator unless configured for regulator off mode
using the RX_CLK/REGOFF pin. Place a 0.1uF capacitor near
this pin and connect the capacitor from this pin to ground. When
using the on-chip regulator, place a 4.7uF ±20% capacitor with
ESR < 1ohm near this pin and connect the capacitor from this pin
to ground. X5R or X7R ceramic capacitors are recommended
since they exhibit an ESR lower than 0.1ohm at frequencies
greater than 10kHz.
VSS
POWER
Exposed Ground Flag. The flag must be connected to the ground
plane with an array of vias as described in the Analog Layout
Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com