Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8700 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 35Page - Microchip Technology LAN8700 Datasheet HTML 36Page - Microchip Technology LAN8700 Datasheet HTML 37Page - Microchip Technology LAN8700 Datasheet HTML 38Page - Microchip Technology LAN8700 Datasheet HTML 39Page - Microchip Technology LAN8700 Datasheet HTML 40Page - Microchip Technology LAN8700 Datasheet HTML 41Page - Microchip Technology LAN8700 Datasheet HTML 42Page - Microchip Technology LAN8700 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 39
LAN8700/LAN8700i
TABLE 5-40:
REGISTER 26 - SYMBOL ERROR COUNTER
Address
Name
Description
Mode
Default
26.15:0
Sym_Err_Cnt
100Base-TX receiver-based error register that
increments when an invalid code symbol is received
including IDLE symbols. The counter is incremented
only once per packet, even when the received packet
contains more than one symbol error. The 16-bit
register counts up to 65,536 (216) and rolls over to 0 if
incremented beyond that value. This register is cleared
on reset, but is not cleared by reading the register. It
does not increment in 10Base-T mode.
RO
0
TABLE 5-41:
REGISTER 27 - SPECIAL CONTROL/STATUS INDICATIONS
Address
Name
Description
Mode
Default
27.15
AMDIXCTRL
HP Auto-MDIX control
0 - Auto-MDIX enable
1 - Auto-MDIX disabled (use 27.13 to control channel)
RW
0
27.14
Reserved
Reserved
RW
0
27.13
CH_SELECT
Manual Channel Select
0 - MDI -TX transmits RX receives
1 - MDIX -TX receives RX transmits
RW
0
27.12
Reserved
Write as 0. Ignore on read.
RW
0
27:11
SQEOFF
Disable the SQE (Signal Quality Error) test (Heartbeat):
0 - SQE test is enabled.
1 - SQE test is disabled.
RW,
NASR
0
27.10:5
Reserved
Write as 0. Ignore on read.
RW
000000
27.4
XPOL
Polarity state of the 10Base-T:
0 - Normal polarity
1 - Reversed polarity
RO
0
27.3:0
Reserved
Reserved
RO
XXXXb
TABLE 5-42:
REGISTER 28 - SPECIAL INTERNAL TESTABILITY CONTROLS
Address
Name
Description
Mode
Default
28.15:0
Reserved
Do not write to this register. Ignore on read.
RW
N/A
TABLE 5-43:
REGISTER 29 - INTERRUPT SOURCE FLAGS
Address
Name
Description
Mode
Default
29.15:8
Reserved
Ignore on read.
RO/
LH
0
29.7
INT7
1 = ENERGYON generated
0 = not source of interrupt
RO/
LH
X
29.6
INT6
1 = Auto-Negotiation complete
0 = not source of interrupt
RO/
LH
X
29.5
INT5
1 = Remote Fault Detected
0 = not source of interrupt
RO/
LH
X
29.4
INT4
1 = Link Down (link status negated)
0 = not source of interrupt
RO/
LH
X
29.3
INT3
1 = Auto-Negotiation LP Acknowledge
0 = not source of interrupt
RO/
LH
X
29.2
INT2
1 = Parallel Detection Fault
0 = not source of interrupt
RO/
LH
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com