Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8700 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8700 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8700 Datasheet HTML 45Page - Microchip Technology LAN8700 Datasheet HTML 46Page - Microchip Technology LAN8700 Datasheet HTML 47Page - Microchip Technology LAN8700 Datasheet HTML 48Page - Microchip Technology LAN8700 Datasheet HTML 49Page - Microchip Technology LAN8700 Datasheet HTML 50Page - Microchip Technology LAN8700 Datasheet HTML 51Page - Microchip Technology LAN8700 Datasheet HTML 52Page - Microchip Technology LAN8700 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
 2007-2016 Microchip Technology Inc.
DS00002260A-page 49
LAN8700/LAN8700i
6.2
MII 10/100Base-TX/RX Timings
6.2.1
MII 100BASE-T TX/RX TIMINGS
6.2.1.1
100M MII Receive Timing
FIGURE 6-2:
100M MII RECEIVE TIMING DIAGRAM
TABLE 6-2:
100M MII RECEIVE TIMING VALUES
Parameter
Description
MIN
TYP
MAX
Units
Notes
T2.1
Receive signals setup to RX_CLK
rising
10
ns
T2.2
Receive signals hold from RX_CLK
rising
10
ns
RX_CLK frequency
25
MHz
RX_CLK Duty-Cycle
40
%
Clock Out -
RX_CLK
Data Out -
RXD[3:0]
T2.1
RX_DV
RX_ER
T2.2
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com