Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986TR Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6986TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986TR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6986TR Datasheet HTML 50Page - STMicroelectronics L6986TR Datasheet HTML 51Page - STMicroelectronics L6986TR Datasheet HTML 52Page - STMicroelectronics L6986TR Datasheet HTML 53Page - STMicroelectronics L6986TR Datasheet HTML 54Page - STMicroelectronics L6986TR Datasheet HTML 55Page - STMicroelectronics L6986TR Datasheet HTML 56Page - STMicroelectronics L6986TR Datasheet HTML 57Page - STMicroelectronics L6986TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Application board
L6986
54/68
DocID025376 Rev 7
Figure 39 and Figure 40 show the magnitude and phase margin Bode’s plots related to the
evaluation board presented in Figure 38.
The small signal dynamic performance of the demonstration board is:
Equation 55
R6
1 M
 - 1%- 0603
R7
180 k
 - 1% - 0603
R8
130 k
 - 1% - 0603
R9
62 k
 - 1% - 0603
R11
10
 - 1% - 0603
R2, R3, R5, R10
Not mounted
L1
XAL5050-103MEC
10
H
Coilcraft
L2
XAL5030-472MEC
4.7
H
Coilcraft
L3
MPZ2012S221A
EMC bead
TDK
J1
Open
J2
Open
J3
Closed
Switchover
J4
Open
U1
L6986
STMicroelectronics
Table 13. Bill of material (continued)
Reference
Part number
Description
Manufacturer
BW
67kHz
=
phase margin
53
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com