Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986TR Datasheet(PDF) 67 Page - STMicroelectronics

Part # L6986TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986TR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L6986TR Datasheet HTML 60Page - STMicroelectronics L6986TR Datasheet HTML 61Page - STMicroelectronics L6986TR Datasheet HTML 62Page - STMicroelectronics L6986TR Datasheet HTML 63Page - STMicroelectronics L6986TR Datasheet HTML 64Page - STMicroelectronics L6986TR Datasheet HTML 65Page - STMicroelectronics L6986TR Datasheet HTML 66Page - STMicroelectronics L6986TR Datasheet HTML 67Page - STMicroelectronics L6986TR Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
DocID025376 Rev 7
67/68
L6986
Revision history
68
11
Revision history
Table 16. Document revision history
Date
Revision
Changes
23-Feb-2015
5
Updated Section : Features on page 1 (replaced 110 m
 by 150 m- RDSON LS).
Updated Section 4.3: Soft-start and inhibit on page 14 (added and updated text, added
Figure 7 to Figure 9, Equation 2 to Equation 11).
Updated Section 6.5: Synchronization (LNM) on page 43 (added and
updated text, Figure 31, added Figure 34 to Figure 37, Table 9).
Minor modifications throughout document.
12-Feb-2016
6
Updated Table 3: Thermal data on page 7 (added Rth JC row).
Updated Table 6: fSW selection on page 11 (added note 3. below table).
Updated Figure 6 on page 17, Figure 8 on page 19, Figure 9 on page 20, Figure 11 on
page 22, Figure 13 on page 24 to Figure 23 on page 33, Figure 30 on page 43, Figure 32
on page 45 and Figure 33 on page 45 (replaced by new figures).
Updated Equation 18 on page 34 (replaced RLOAD / Ri by RLOAD · gcs).
Updated Section 6.5: Synchronization (LNM) on page 44 (replaced value of “range”
“2 MHz” by “1.4 MHz”, added text).
Minor modifications throughout document.
16-Aug-2016
7
Updated Table 1: Pin description on page 5 (updated description of pin SS/INH, SYNCH,
and E. p.).
Updated Table 2: Absolute maximum ratings on page 6 (updated VIN symbol).
Updated Table 5: Electrical characteristics on page 8 (updated VSS_L_CLMP and
VSS_H_CLMP symbols).
Updated Figure 5: Soft-start phase on page 16 (replaced by new figure).
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com