Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6986TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6986TR Datasheet HTML 1Page - STMicroelectronics L6986TR Datasheet HTML 2Page - STMicroelectronics L6986TR Datasheet HTML 3Page - STMicroelectronics L6986TR Datasheet HTML 4Page - STMicroelectronics L6986TR Datasheet HTML 5Page - STMicroelectronics L6986TR Datasheet HTML 6Page - STMicroelectronics L6986TR Datasheet HTML 7Page - STMicroelectronics L6986TR Datasheet HTML 8Page - STMicroelectronics L6986TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
This is information on a product in full production.
August 2016
DocID025376 Rev 7
1/68
L6986
38 V, 2 A synchronous step-down switching regulator with 30 μA
quiescent current
Datasheet
- production data
Features
 2 A DC output current
 4 V to 38 V operating input voltage
 Low consumption mode or low noise mode
 30 A IQ at light load (LCM VOUT = 3.3 V)
 8 A IQ-SHTDWN
 Adjustable fSW (250 kHz - 2 MHz)
 Output voltage adjustable from 0.85 V to VIN
 Embedded output voltage supervisor
 Synchronization
 Adjustable soft-start time
 Internal current limiting
 Overvoltage protection
 Output voltage sequencing
 Peak current mode architecture
 RDSON HS = 180 m, RDSON LS = 150 m
 Thermal shutdown
Applications
 Designed for 12 V and 24 V buses
 Programmable logic controllers (PLCs)
 Decentralized intelligent nodes
 Sensors and low noise applications (LNM)
Description
The L6986 device is a step-down monolithic
switching regulator able to deliver up to 2 A DC.
The output voltage adjustability ranges from
0.85 V to VIN. Thanks to the P-channel MOSFET
high-side power element, the device features
100% duty cycle operation. The wide input
voltage range meets the specification for the 5 V,
12 V and 24 V power supplies. The “Low
Consumption Mode” (LCM) is designed for
applications active during idle mode, so it
maximizes the efficiency at light load with
controlled output voltage ripple. The “Low Noise
Mode” (LNM) makes the switching frequency
constant overload current range, meeting the low
noise application specification. The output voltage
supervisor manages the reset phase for any
digital load (
µC, FPGA, etc.). The RST open
collector output can also implement output
voltage sequencing during the power-up phase.
The synchronous rectification, designed for high
efficiency at medium - heavy load, and the high
switching frequency capability make the size of
the application compact. Pulse by pulse current
sensing on both power elements implements an
effective constant current protection.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - L6986TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6986H3V3 STMICROELECTRONICS-L6986H3V3 Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6986H3V3TR STMICROELECTRONICS-L6986H3V3TR Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6986H5V STMICROELECTRONICS-L6986H5V Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L6986H5VTR STMICROELECTRONICS-L6986H5VTR Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
More results

Similar Description - L6986TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
L6983 STMICROELECTRONICS-L6983_V01 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L6986H STMICROELECTRONICS-L6986H Datasheet
17Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
Feb-2020
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
Rev 1 - October 2020
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com