Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6986TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6986TR Datasheet HTML 7Page - STMicroelectronics L6986TR Datasheet HTML 8Page - STMicroelectronics L6986TR Datasheet HTML 9Page - STMicroelectronics L6986TR Datasheet HTML 10Page - STMicroelectronics L6986TR Datasheet HTML 11Page - STMicroelectronics L6986TR Datasheet HTML 12Page - STMicroelectronics L6986TR Datasheet HTML 13Page - STMicroelectronics L6986TR Datasheet HTML 14Page - STMicroelectronics L6986TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DocID025376 Rev 7
11/68
L6986
Electrical characteristics
68
All the population tested at TJ = 25 °C, VIN = 12 V unless otherwise specified.
Table 6. fSW selection
Symbol
RVCC (E24 series)
RGND (E24 series)
fSW min.
fSW typ.
fSW max.
Note
Unit
fSW
0
NC
225
250
275
(1)
kHz
1.8 k
NC
285
(2)
3.3 k
NC
330
5.6 k
NC
380
10 k
NC
435
NC
0
450
500
550
(1)
18 k
NC
575
(2)
33 k
NC
660
56 k
NC
755
NC
1.8 k
870
NC
3.3 k
900
1000
1100
NC
5.6 k
1150
(2)
NC
10 k
1310
NC
18 k
1500
(2), (3)
NC
33 k
1575
1750
1925
(3)
NC
56 k
1800
2000
2200
(3)
1. Preferred codifications don't require any external resistor.
2. Not tested in production.
3. No synchronization as slave in LNM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com