Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 94Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 95Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 96Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 97Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 98Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 99Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 100Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 101Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 207 page
background image
Electrical characteristics
STM32F413xG/H
98/207
DocID029162 Rev 2
2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
Table 32. Typical and maximum current consumptions in Stop mode - VDD = 1.7 V
Symbol
Conditions
Parameter
Typ(1)
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STOP
Flash in Stop mode,
all oscillators OFF, no
independent watchdog
Main regulator usage
111.7 157.9 713.7
1323.5 2315.1
µA
Low power regulator usage
42.3
80.1
594.1
1167.6 2097.6
Flash in Deep power
down mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
77.9 113.1 568.3
1073.6 1883.7
Low power regulator usage
19.7
55.8
561.3
1123.2 2026.0
Low power low voltage regulator
usage
15.3
46.3
490.8
991.3 1793.9
1. Based on characterization, not tested in production.
Table 33. Typical and maximum current consumption in Stop mode - VDD=3.6 V
Symbol
Conditions
Parameter
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STOP
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
114.4 161.6(2) 723.0 1339.0 2342.7(2)
µA
Low power regulator usage
44.1
82.5(2) 600.6 1179.3
2119.1
Flash in Deep power
down mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
80.6
116.7
572.3 1079.2 1896.3
Low power regulator usage
21.4
58.9
567.9 1134.5
2049.6
Low power low voltage
regulator usage
17.0
49.0(2) 497.4 1003.6 1817.0(2)
1. Based on characterization, not tested in production.
2. Tested in production.
Table 34. Typical and maximum current consumption in Standby mode - VDD= 1.7 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STBY
Supply current in
Standby mode
Low-speed oscillator (LSE in low drive
mode) and RTC ON
2.3
3.7
15.9
32.5
76.8
µA
Low-speed oscillator (LSE in high drive
mode) and RTC ON
2.9
4.3
16.5
33.1
77.4
RTC and LSE OFF
1.1
2.5
14.7
31.3
75.6
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Based on characterization, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com