Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 31Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 32Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 33Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 34Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 35Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 36Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 37Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 38Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 207 page
background image
DocID029162 Rev 2
35/207
STM32F413xG/H
Functional overview
42
independent channels for input capture/output compare, PWM or one-pulse mode
output. This gives up to 15 input capture/output compare/PWMs
TIM2. TIM3, TIM4 and TIM5 general-purpose timers can operate together or in
conjunction with the other general-purpose timers and TIM1 advanced-control timer via
the Timer Link feature for synchronization or event chaining.
Any of these general-purpose timers can be used to generate PWM output.
TIM2. TIM3, TIM4 and TIM5 channels have independent DMA request generation.
They are capable of handling quadrature (incremental) encoder signals and the digital
outputs from 1 to 4 hall-effect sensors.
•
TIM9, TIM10, TIM11, TIM12, TIM13 and TIM14
These timers are based on a 16-bit auto-reload upcounter and a 16-bit prescaler.
TIM10, TIM11, TIM13 and TIM14 feature one independent channel, whereas TIM9 and
TIM12 have two independent channels for input capture/output compare, PWM or one-
pulse mode output. They can be synchronized with TIM2. TIM3, TIM4 and TIM5 full-
featured general-purpose timers or used as simple time bases.
3.22.3
Basic timer (TIM6, TIM7)
TIM6 and TIM7 timers are basic 16-bit timers. They support independent DMA request
generation.
3.22.4
Low-power timer (LPTIM1)
The low-power timer (LPTIM1) features an independent clock and runs in Stop mode if it is
clocked by LSE, LSI or by an external clock. LPTIM1 is able to wakeup the devices from
Stop mode.
The low-power timer main features are the following:
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
Configurable output: pulse, PWM
•
Continuous / one shot mode
•
Selectable software / hardware input trigger
•
Selectable clock source
–
Internal clock source: LSE, LSI, HSI or APB1 clock
–
External clock source over LPTIM1 input (working even with no internal clock
source running, used by the pulse counter application)
•
Programmable digital glitch filter
•
Encoder mode
•
Active in Stop mode.
3.22.5
Independent watchdog
The independent watchdog is based on a 12-bit downcounter and 8-bit prescaler. It is
clocked from an independent 32 kHz internal RC and as it operates independently from the
main clock, it can operate in Stop and Standby modes. It can be used either as a watchdog
to reset the device when a problem occurs, or as a free-running timer for application timeout
management. It is hardware- or software-configurable through the option bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com