Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 17Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 18Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 19Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 20Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 21Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 22Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 23Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 24Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 207 page
background image
DocID029162 Rev 2
21/207
STM32F413xG/H
Functional overview
42
3.7
Embedded SRAM
All devices embed 320 Kbytes of system SRAM which can be accessed (read/write) at CPU
clock speed with 0 wait states.
3.8
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs) and the slaves
(Flash memory, RAM, AHB and APB peripherals) and ensures a seamless and efficient
operation even when several high-speed peripherals work simultaneously.
Figure 5. Multi-AHB matrix
CPU can access SRAM1 memory via S-bus, when SRAM1 is mapped at the address range:
0x2000 0000 to 0x2003 FFFF.
CPU can access SRAM2 memory via S-bus, when SRAM2 is mapped at the address range:
0x2004 0000 to 0x2004 FFFF.
CPU can access SRAM1 memory via I-bus and D-bus, when SRAM1 is remapped at
address 0x0000 0000 either by booting from RAM memory or by the remap mode.
CPU can access SRAM2 memory via I-bus and D-bus, when SRAM2 is mapped at the
address range: 0x1000 0000 to 0x1000 FFFF.
Performance boosts up, when the CPU access SRAM memory via the I-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com