Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F413CGU6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 36Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 37Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 38Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 39Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 40Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 41Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 42Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 43Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 207 page
background image
Functional overview
STM32F413xG/H
40/207
DocID029162 Rev 2
The strong benefits of such mechanism coupled with DFSDM are:
•
Possibility to place the digital microphones close to each other
•
No need for external delay lines
•
The delay tuning is done in hardware, preventing the use of MIPs crunching algorithms
•
Possibility to change the delay tuning on the fly
•
The low power consumption and CPU time released due to the DFSDM hardware PDM
to PCM conversion
The impacted audio application are beam forming and sound source localization
3.31
Secure digital input/output interface (SDIO)
An SD/SDIO/MMC host interface is available, that supports MultiMediaCard System
Specification Version 4.2 in three different databus modes: 1-bit (default), 4-bit and 8-bit.
The interface allows data transfer at up to 50 MHz, and is compliant with the SD Memory
Card Specification Version 2.0.
The SDIO Card Specification Version 2.0 is also supported with two different databus
modes: 1-bit (default) and 4-bit.
The current version supports only one SD/SDIO/MMC4.2 card at any one time and a stack
of MMC4.1 or previous.
In addition to SD/SDIO/MMC/eMMC, this interface is fully compliant with the CE-ATA digital
protocol Rev1.1.
3.32
Controller area network (bxCAN)
The three CANs are compliant with the 2.0A and B (active) specifications with a bitrate up to
1 Mbit/s. They can receive and transmit standard frames with 11-bit identifiers as well as
extended frames with 29-bit identifiers. Each CAN has three transmit mailboxes, two receive
FIFOS with 3 stages and 28 shared scalable filter banks (all of them can be used even if one
CAN is used). 256 bytes of SRAM are allocated for CAN1 and CAN2, and 512 bytes for
CAN3.
3.33
Universal serial bus on-the-go full-speed (USB_OTG_FS)
The devices embed a USB OTG full-speed device/host/OTG peripheral with integrated
transceivers. The USB OTG FS peripheral is compliant with USB 2.0 and OTG 1.0
specifications. It features software-configurable endpoint setting and supports
suspend/resume. The USB OTG full-speed controller requires a dedicated 48 MHz clock,
which is generated by a PLL connected to the HSE oscillator. The Battery Charging
Detection (BCD) can detect and identify the type of port it is connected to (standard USB or
charger). The charging type can also be detected: Dedicated Charging Port (DCP),
Charging Downstream Port (CDP) and Standard Downstream Port (SDP).
Some packages provide a dedicated USB power rail allowing to supply the USB from a
different voltage that the rest of the device. As an example, the device can be powered with
the minimum specified supply voltage while the USB runs at the level defined by the
standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com